Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE032 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 1 Page - Texas Instruments

  AFE032 Datasheet HTML 1Page - Texas Instruments AFE032 Datasheet HTML 2Page - Texas Instruments AFE032 Datasheet HTML 3Page - Texas Instruments AFE032 Datasheet HTML 4Page - Texas Instruments AFE032 Datasheet HTML 5Page - Texas Instruments AFE032 Datasheet HTML 6Page - Texas Instruments AFE032 Datasheet HTML 7Page - Texas Instruments AFE032 Datasheet HTML 8Page - Texas Instruments AFE032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
Programmable
Filter
DAC
Bias
and
References
Digital Interface
(SPI)
Control Registers
DVDD
DGND
AVDD1
AVDD2
AGND1
AGND2
SCLK
DIN
DOUT
CS
DAC
SD
RX_FLAG
TX_FLAG
INT
TX PGA
RX PGA1
RX PGA2
ZC1
ZC2
ZC3
AFE032
Power
Amplifier
ZC_OUT1
ZC_OUT2
ZC_OUT3
TSENSE
RX_PGA2_IN
RX_PGA2_OUT
RX_F_OUT
TX_F_OUT
RX_PGA1_IN
TX_PGA_IN
DAC_OUT
XCLK
ZC_IN1
PA_IN
ZC_IN2
ZC_IN3
PA_VS
PA_ISET
PA_OUT
PA_GND
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
Power-Line Communications Analog Front-End
Check for Samples: AFE032
The integrated receiver is able to detect signals down
1
FEATURES
to 10
μVRMS (G3-FCC mode) and is capable of a wide
2345
• Supports:
range of gain options to adapt to varying input-signal
–
CENELEC Bands A, B, C, D
conditions. The monolithic integrated circuit provides
high
reliability
in
demanding
power-line
–
ARIB STD-T84, FCC
communication applications.
–
FSK, SFSK, and NB-OFDM
The AFE032 transmit power amplifier operates from a
•
Conforms To:
single supply in the range of 7 V to 24 V. At typical
–
EN50065-1, -2, -3, -7
load current (IOUT = 1.5 APEAK), a wide output swing
–
FCC, Part 15
provides a 12-VPP capability with a nominal 15-V
supply.
–
ARIB STD-T84
•
Standards:
The
device
is
internally
protected
against
overtemperature and short-circuit conditions. The
–
G3, PRIME, P1901.2, ITU-G.hnem
device also provides a selectable current limit. An
•
Programmable Tx Low-Pass Filters and
interrupt output is provided, indicating current limit,
Rx Band-Pass Filters
thermal limit, and undervoltage. A shutdown pin is
•
Integrated Power-Line Driver with Thermal and
also available, and can be used to quickly place the
device into the lowest-power state. Each functional
Overcurrent Protection
block can be enabled or disabled to optimize power
•
Low-Power Consumption:
dissipation through the serial peripheral interface
–
50 mW (Receiver Mode)
(SPI),
•
Receive Sensitivity: 10
μVRMS (Typ)
The AFE032 is housed in a thermally-enhanced,
•
Four-Wire SPI™ Interface
surface-mount,
PowerPAD,
QFN-48
package.
Operation is specified over the extended industrial
•
Three Integrated Zero-Crossing Detectors
junction temperature range of –40°C to +125°C.
•
Package: QFN-48 PowerPAD™
•
Extended Temperature Range:
–40°C to +125°C
APPLICATIONS
•
eMetering
•
Home Area Networks
•
Lighting
•
Solar
•
Pilot Wires and EVSEs
DESCRIPTION
The AFE032 is a low-cost, integrated, power-line
communications
(PLC),
analog
front-end
(AFE)
device capable of transformer-coupled connections to
the power-line while under the control of a digital
signal
processor
(DSP)
or
microcontroller.
This
device is ideal for driving high-current, low-impedance
lines up to 1.9 A into reactive loads.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
Illinois Capacitor is a trademark of Illinois Capacitor, Inc.
4
SPI is a trademark of Motorola Inc.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AFE032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
AFE032IRGZR TI1-AFE032IRGZR Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
AFE032IRGZT TI1-AFE032IRGZT Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
More results

Similar Description - AFE032

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
logo
Texas Instruments
AFE031 TI1-AFE031 Datasheet
1Mb / 56P
Powerline Communications Analog Front-End
SEPTEMBER2011
AFE030 TI1-AFE030 Datasheet
992Kb / 58P
Powerline Communications Analog Front-End
AFE031 TI1-AFE031_13 Datasheet
970Kb / 57P
Powerline Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
logo
STMicroelectronics
ST-PLC-AFE STMICROELECTRONICS-ST-PLC-AFE Datasheet
2Mb / 58P
Power-line communication, analog front-end
01-Feb-2016
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991_V01 Datasheet
1Mb / 22P
Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
Low Power Analog Front End
Ver.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com