Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F110MF Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # R5F110MF
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 34Page - Renesas Technology Corp R5F110MF Datasheet HTML 35Page - Renesas Technology Corp R5F110MF Datasheet HTML 36Page - Renesas Technology Corp R5F110MF Datasheet HTML 37Page - Renesas Technology Corp R5F110MF Datasheet HTML 38Page - Renesas Technology Corp R5F110MF Datasheet HTML 39Page - Renesas Technology Corp R5F110MF Datasheet HTML 40Page - Renesas Technology Corp R5F110MF Datasheet HTML 41Page - Renesas Technology Corp R5F110MF Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 38 of 149
Feb 21, 2014
(TA = -40 to +85 °C, 1.6 V AVDD = VDD 3.6 V, VSS = 0 V)
(2/2)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
TO00 to TO07, TKBO00,
TKBO01, TKBO10, TKBO11,
TKBO20, TKBO21
output frequency
fTO
HS (high-speed main) mode
2.7 V
VDD 3.6 V
8
MHz
2.4 V
VDD < 2.7 V
8
MHz
LS (low-speed main) mode
1.8 V
VDD 3.6 V
4
MHz
LV (low-voltage main) mode
1.6 V
VDD 3.6 V
2
MHz
PCLBUZ0, PCLBUZ1 output
frequency
fPCL
HS (high-speed main) mode
2.7 V
VDD 3.6 V
8
MHz
2.4 V
VDD < 2.7 V
8
MHz
LS (low-speed main) mode
1.8 V
VDD 3.6 V
4
MHz
LV (low-voltage main) mode
1.8 V
VDD 3.6 V
2
MHz
Interrupt input high-level width,
low-level width
tINTH,
tINTL
INTP0 to INTP7
1.6 V
VDD 3.6 V
1
s
Key interrupt input low-level
width
tKR
1.8 V
VDD 3.6 V
250
ns
1.6 V
VDD < 1.8 V
1
s
TMKB2 forced output stop input
high-level width
tIHR
INTP0 to INTP7
fCLK
16 MHz
125
ns
fCLK
16 MHz
2
fCLK
RESET low-level width
tRSL
10
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com