Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F110MF Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R5F110MF
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 51Page - Renesas Technology Corp R5F110MF Datasheet HTML 52Page - Renesas Technology Corp R5F110MF Datasheet HTML 53Page - Renesas Technology Corp R5F110MF Datasheet HTML 54Page - Renesas Technology Corp R5F110MF Datasheet HTML 55Page - Renesas Technology Corp R5F110MF Datasheet HTML 56Page - Renesas Technology Corp R5F110MF Datasheet HTML 57Page - Renesas Technology Corp R5F110MF Datasheet HTML 58Page - Renesas Technology Corp R5F110MF Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 55 of 149
Feb 21, 2014
Note 1.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
Note 2.
When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
Caution
Select the TTL input buffer for the SIp pin and the N-ch open drain output (VDD tolerance) mode for the SOp pin
and SCKp pin by using port input mode register g (PIMg) and port output mode register g (POMg). For VIH and
VIL, see the DC characteristics with TTL input buffer selected.
Remark 1.
Rb[
ι]: Communication line (SCKp, SOp) pull-up resistance, Cb[F]: Communication line (SCKp, SOp) load capacitance,
Vb[V]: Communication line voltage
Remark 2.
p: CSI number (p = 00), m: Unit number (m = 0),
n: Channel number (n = 0), g: PIM and POM number (g = 2)
Remark 3.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00))
(7)
Communication at different potential (2.5 V) (CSI mode) (master mode, SCKp... internal clock output,
corresponding CSI00 only)
(TA = -40 to +85 °C, 2.7 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
LS (low-speed main)
Mode
LV (low-voltage main)
Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle time
tKCY1
tKCY1
 fCLK/2 2.7V  VDD  3.6 V,
2.3 V
 Vb  2.7 V,
Cb = 20 pF, Rb = 2.7 k
300
1150
1150
ns
SCKp high-level
width
tKH1
2.7 V
 VDD  3.6 V,
2.3 V
 Vb  2.7 V,
Cb = 20 pF, Rb = 2.7 k
tKCY1/2 - 120
tKCY1/2 - 120
tKCY1/2 - 120
ns
SCKp low-level
width
tKL1
2.7 V
 VDD  3.6 V,
2.3 V
 Vb  2.7 V,
Cb = 20 pF, Rb = 1.4 k
tKCY1/2 - 10
tKCY1/2 - 50
tKCY1/2 - 50
ns
SIp setup time
(to SCKp
↑) Note 1
tSIK1
2.7 V
 VDD  3.6 V,
2.3 V
 Vb  2.7 V,
Cb = 20 pF, Rb = 2.7 k
121
479
479
ns
SIp hold time
(from SCKp
↑) Note 1
tKSI1
2.7 V
 VDD  3.6 V,
2.3 V
 Vb  2.7 V,
Cb = 20 pF, Rb = 1.4 k
10
10
10
ns
Delay time from
SCKp
↓ to SOp
output Note 1
tKSO1
2.7 V
 VDD  3.6 V,
2.3 V
 Vb  2.7 V,
Cb = 20 pF, Rb = 1.4 k
130
130
130
ns
SIp setup time
(to SCKp
↓) Note 2
tSIK1
2.7 V  VDD 3.6 V,
2.3 V  Vb 2.7 V,
Cb = 20 pF, Rb = 2.7 k
33
110
110
ns
SIp hold time
(from SCKp
↓) Note 2
tKSI1
2.7 V  VDD 3.6 V,
2.3 V  Vb 2.7 V,
Cb = 20 pF, Rb = 2.7 k
10
10
10
ns
Delay time from
SCKp
↑ to SOp
output Note 2
tKSO1
2.7 V  VDD 3.6 V,
2.3 V  Vb 2.7 V,
Cb = 20 pF, Rb = 2.7 k
10
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com