Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F110MF Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R5F110MF
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 79Page - Renesas Technology Corp R5F110MF Datasheet HTML 80Page - Renesas Technology Corp R5F110MF Datasheet HTML 81Page - Renesas Technology Corp R5F110MF Datasheet HTML 82Page - Renesas Technology Corp R5F110MF Datasheet HTML 83Page - Renesas Technology Corp R5F110MF Datasheet HTML 84Page - Renesas Technology Corp R5F110MF Datasheet HTML 85Page - Renesas Technology Corp R5F110MF Datasheet HTML 86Page - Renesas Technology Corp R5F110MF Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 83 of 149
Feb 21, 2014
Note 1.
This is a capacitor that is connected between voltage pins used to drive the LCD.
C1: A capacitor connected between CAPH and CAPL
C2: A capacitor connected between VL1 and GND
C3: A capacitor connected between VL2 and GND
C4: A capacitor connected between VL3 and GND
C5: A capacitor connected between VL4 and GND
C1 = C2 = C3 = C4 = 0.47
F30%
Note 2.
This is the time required to wait from when the reference voltage is specified by using the VLCD register (or when the
internal voltage boosting method is selected (by setting the MDSET1 and MDSET0 bits of the LCDM0 register to 01B) if
the default value reference voltage is used) until voltage boosting starts (VLCON = 1).
Note 3.
This is the wait time from when voltage boosting is started (VLCON = 1) until display is enabled (LCDON = 1).
(2)
1/4 bias method
(TA = -40 to +85 °C, 1.8 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
LCD output voltage variation range
VL1
C1 to C4 Note 1
= 0.47
F Note 2
VLCD = 04H
0.90
1.00
1.08
V
VLCD = 05H
0.95
1.05
1.13
V
VLCD = 06H
1.00
1.10
1.18
V
VLCD = 07H
1.05
1.15
1.23
V
VLCD = 08H
1.10
1.20
1.28
V
VLCD = 09H
1.15
1.25
1.33
V
VLCD = 0AH
1.20
1.30
1.38
V
Doubler output voltage
VL2
C1 to C4 Note 1 = 0.47
F
2 VL1 - 0.08
2 VL1
2 VL1
V
Tripler output voltage
VL3
C1 to C4 Note 1 = 0.47
F
3 VL1 - 0.12
3 VL1
3 VL1
V
Quadruply output voltage
VL4
C1 to C5 Note 1 = 0.47
F
4 VL1 - 0.16
4 VL1
4 VL1
V
Reference voltage setup time Note 2
tVWAIT1
5ms
Voltage boost wait time Note 3
tVWAIT2
C1 to C5 Note 1 = 0.47
F
500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com