Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F110MF Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R5F110MF
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 15Page - Renesas Technology Corp R5F110MF Datasheet HTML 16Page - Renesas Technology Corp R5F110MF Datasheet HTML 17Page - Renesas Technology Corp R5F110MF Datasheet HTML 18Page - Renesas Technology Corp R5F110MF Datasheet HTML 19Page - Renesas Technology Corp R5F110MF Datasheet HTML 20Page - Renesas Technology Corp R5F110MF Datasheet HTML 21Page - Renesas Technology Corp R5F110MF Datasheet HTML 22Page - Renesas Technology Corp R5F110MF Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 153 page
background image
RL78/L1C
1. OUTLINE
R01DS0192EJ0200 Rev. 2.00
Page 19 of 149
Feb 21, 2014
Note 1.
The number in parentheses indicates the number of signal outputs when 8 coms are used.
Note 2.
The illegal instruction is generated when instruction code FFH is executed.
Reset by the illegal instruction execution not is issued by emulation with the in-circuit emulator or on-chip debug
emulator.
(2/2)
Item
80/85-pin
100-pin
R5F111Mx/R5F111Nx (x = E to H, J)
R5F111Px (x = E to H, J)
Clock output/buzzer output
2
2
• 2.44 kHz, 4.88 kHz, 9.76 kHz, 1.25 MHz, 2.5 MHz, 5 MHz, 10 MHz
(Main system clock: fMAIN = 20 MHz operation)
• 256 Hz, 512 Hz, 1.024 kHz, 2.048 kHz, 4.096 kHz, 8.192 kHz, 16.384 kHz, 32.768 kHz
(Subsystem clock: fSUB = 32.768 kHz operation)
8/12-bit resolution A/D converter
11 channels
13 channels
D/A converter
2 channels
2 channels
Comparator
1 channel
2 channels
Serial interface
• CSI: 1 channel/UART (UART supporting LIN-bus): 1 channel/simplified I2C: 1 channel
• CSI: 1 channel/UART: 1 channel/simplified I2C: 1 channel
• CSI: 1 channel/UART: 1 channel/simplified I2C: 1 channel
• CSI: 1 channel/UART: 1 channel/simplified I2C: 1 channel
I2C bus
1 channel
1 channel
LCD controller/driver
Internal voltage boosting method, capacitor split method, and external resistance division method
are switchable.
Segment signal output
44 (40) Note 1
56 (52) Note 1
Common signal output
4 (8) Note 1
Data transfer controller (DTC)
30 sources
31 sources
Event link controller (ELC)
Event input: 30, Event trigger output: 22
Event input: 31, Event trigger output: 22
Vectored interrupt
sources
Internal
32
33
External
9
9
Key interrupt
8
8
Reset
• Reset by RESET pin
• Internal reset by watchdog timer
• Internal reset by power-on-reset
• Internal reset by voltage detector
• Internal reset by illegal instruction execution Note 2
• Internal reset by RAM parity error
• Internal reset by illegal-memory access
Power-on-reset circuit
• Power-on-reset: 1.51
 0.03 V
• Power-down-reset: 1.50
 0.03 V
Voltage detector
• Rising edge: 1.67 V to 3.13 V (12 stages)
• Falling edge: 1.63 V to 3.06 V (12 stages)
On-chip debug function
Provided
Power supply voltage
VDD = 1.6 to 3.6 V
Operating ambient temperature
TA = -40 to +85
C (A: Consumer applications), TA = -40 to +105 C (G: Industrial applications)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com