Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F110MF Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R5F110MF
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 24Page - Renesas Technology Corp R5F110MF Datasheet HTML 25Page - Renesas Technology Corp R5F110MF Datasheet HTML 26Page - Renesas Technology Corp R5F110MF Datasheet HTML 27Page - Renesas Technology Corp R5F110MF Datasheet HTML 28Page - Renesas Technology Corp R5F110MF Datasheet HTML 29Page - Renesas Technology Corp R5F110MF Datasheet HTML 30Page - Renesas Technology Corp R5F110MF Datasheet HTML 31Page - Renesas Technology Corp R5F110MF Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 28 of 149
Feb 21, 2014
Caution
The maximum value of VIH of pins P00 to P02, P10 to P12, P24 to P26, P33 to P35, and P42 to P44 is VDD, even in
the N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +85 °C, 1.6 V AVDD = VDD 3.6 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIH1
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P46, P50 to P57,
P70 to P77, P80 to P83, P125 to P127,
P140 to P143
Normal input buffer
0.8 VDD
VDD
V
VIH2
P00, P01, P10, P11, P24, P25,
P33, P34, P43, P44
TTL input buffer
3.3 V
VDD 3.6 V
2.0
VDD
V
TTL input buffer
1.6 V
VDD < 3.3 V
1.50
VDD
V
VIH3
P150 to P156
0.7 AVDD
AVDD
V
VIH4
P60, P61
0.7 VDD
6.0
V
VIH5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0.8 VDD
VDD
V
Input voltage, low
VIL1
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P46, P50 to P57,
P70 to P77, P80 to P83, P125 to P127,
P140 to P143
Normal input buffer
0
0.2 VDD
V
VIL2
P00, P01, P10, P11, P24, P25,
P33, P34, P43, P44
TTL input buffer
3.3 V
VDD 3.6 V
00.5
V
TTL input buffer
1.6 V
VDD < 3.3 V
00.32
V
VIL3
P150 to P156
0
0.3 AVDD
V
VIL4
P60, P61
0
0.3 VDD
V
VIL5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0
0.2 VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com