Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F110MF Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F110MF
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 28Page - Renesas Technology Corp R5F110MF Datasheet HTML 29Page - Renesas Technology Corp R5F110MF Datasheet HTML 30Page - Renesas Technology Corp R5F110MF Datasheet HTML 31Page - Renesas Technology Corp R5F110MF Datasheet HTML 32Page - Renesas Technology Corp R5F110MF Datasheet HTML 33Page - Renesas Technology Corp R5F110MF Datasheet HTML 34Page - Renesas Technology Corp R5F110MF Datasheet HTML 35Page - Renesas Technology Corp R5F110MF Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 32 of 149
Feb 21, 2014
Note 1.
Total current flowing into VDD, including the input leakage current flowing when the level of the input pin is fixed to VDD, or
VSS. The values below the MAX. column include the peripheral operation current. However, not including the current
flowing into the LCD controller/driver, A/D converter, D/A converter, comparator, LVD circuit, USB 2.0 function module,
I/O port, and on-chip pull-up/pull-down resistors and the current flowing during data flash rewrite.
Note 2.
When high-speed on-chip oscillator and subsystem clock are stopped.
Note 3.
When high-speed system clock and subsystem clock are stopped.
Note 4.
When high-speed on-chip oscillator and high-speed system clock are stopped. When AMPHS1 = 1 (Ultra-low power
consumption oscillation). However, not including the current flowing into the real-time clock 2, 12-bit interval timer, and
watchdog timer.
Note 5.
Relationship between operation voltage width, operation frequency of CPU and operation mode is as below.
HS (high-speed main) mode:
2.7 V
VDD 3.6 V@1 MHz to 24 MHz
2.4 V
VDD 3.6 V@1 MHz to 16 MHz
LS (low-speed main) mode:
1.8 V
VDD 3.6 V@1 MHz to 8 MHz
LV (low-voltage main) mode
1.6 V
VDD 3.6 V@1 MHz to 4 MHz
Remark 1.
fMX:
High-speed system clock frequency (X1 clock oscillation frequency or external main system clock frequency)
Remark 2.
fHOCO: High-speed on-chip oscillator clock frequency (48 MHz max.)
Remark 3.
fIH:
Main system clock source frequency when the high-speed on-chip oscillator clock divided 1, 2, 4, or 8, or the PLL
clock divided by 2, 4, or 8 is selected (24 MHz max.)
Remark 4.
fSUB:
Subsystem clock frequency (XT1 clock oscillation frequency)
Remark 5.
Except subsystem clock operation, temperature condition of the TYP. value is TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com