Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F110MF Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # R5F110MF
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 76Page - Renesas Technology Corp R5F110MF Datasheet HTML 77Page - Renesas Technology Corp R5F110MF Datasheet HTML 78Page - Renesas Technology Corp R5F110MF Datasheet HTML 79Page - Renesas Technology Corp R5F110MF Datasheet HTML 80Page - Renesas Technology Corp R5F110MF Datasheet HTML 81Page - Renesas Technology Corp R5F110MF Datasheet HTML 82Page - Renesas Technology Corp R5F110MF Datasheet HTML 83Page - Renesas Technology Corp R5F110MF Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 80 of 149
Feb 21, 2014
2.7
Power supply voltage rising slope characteristics
Caution
Make sure to keep the internal reset state by the LVD circuit or an external reset until VDD reaches the operating
voltage range shown in 2.4 AC Characteristics.
LVD Detection Voltage of Interrupt & Reset Mode
(TA = -40 to +85 °C, VPDR VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Interrupt and reset
mode
VLVDA0
VPOC0, VPOC1, VPOC2 = 0, 0, 0, falling reset voltage: 1.6 V
1.60
1.63
1.66
V
VLVDA1
LVIS0, LVIS1 = 1, 0
Rising release reset voltage
1.74
1.77
1.81
V
Falling interrupt voltage
1.70
1.73
1.77
V
VLVDA2
LVIS0, LVIS1 = 0, 1
Rising release reset voltage
1.84
1.88
1.91
V
Falling interrupt voltage
1.80
1.84
1.87
V
VLVDA3
LVIS0, LVIS1 = 0, 0
Rising release reset voltage
2.86
2.92
2.97
V
Falling interrupt voltage
2.80
2.86
2.91
V
VLVDB0
VPOC0, VPOC1, VPOC2 = 0, 0, 1, falling reset voltage: 1.8 V
1.80
1.84
1.87
V
VLVDB1
LVIS0, LVIS1 = 1, 0
Rising release reset voltage
1.94
1.98
2.02
V
Falling interrupt voltage
1.90
1.94
1.98
V
VLVDB2
LVIS0, LVIS1 = 0, 1
Rising release reset voltage
2.05
2.09
2.13
V
Falling interrupt voltage
2.00
2.04
2.08
V
VLVDB3
LVIS0, LVIS1 = 0, 0
Rising release reset voltage
3.07
3.13
3.19
V
Falling interrupt voltage
3.00
3.06
3.12
V
VLVDC0
VPOC0, VPOC1, VPOC2 = 0, 1, 0, falling reset voltage: 2.4 V
2.40
2.45
2.50
V
VLVDC1
LVIS0, LVIS1 = 1, 0
Rising release reset voltage
2.56
2.61
2.66
V
Falling interrupt voltage
2.50
2.55
2.60
V
VLVDC2
LVIS0, LVIS1 = 0, 1
Rising release reset voltage
2.66
2.71
2.76
V
Falling interrupt voltage
2.60
2.65
2.70
V
VLVDD0
VPOC0, VPOC1, VPOC2 = 0, 1, 1, falling reset voltage: 2.7 V
2.70
2.75
2.81
V
VLVDD1
LVIS0, LVIS1 = 1, 0
Rising release reset voltage
2.86
2.92
2.97
V
Falling interrupt voltage
2.80
2.86
2.91
V
VLVDD2
LVIS0, LVIS1 = 0, 1
Rising release reset voltage
2.96
3.02
3.08
V
Falling interrupt voltage
2.90
2.96
3.02
V
(TA = -40 to +85 °C, VSS = 0 V)
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage rising slope
SVDD
54
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com