Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F110MF Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # R5F110MF
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 66Page - Renesas Technology Corp R5F110MF Datasheet HTML 67Page - Renesas Technology Corp R5F110MF Datasheet HTML 68Page - Renesas Technology Corp R5F110MF Datasheet HTML 69Page - Renesas Technology Corp R5F110MF Datasheet HTML 70Page - Renesas Technology Corp R5F110MF Datasheet HTML 71Page - Renesas Technology Corp R5F110MF Datasheet HTML 72Page - Renesas Technology Corp R5F110MF Datasheet HTML 73Page - Renesas Technology Corp R5F110MF Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 70 of 149
Feb 21, 2014
Timing of UDP and UDM
(2)
BC standard
(TA = -40 to +85 °C, 4.35 V UVBUS 5.25 V, 2.4 V VDD 3.6 V, VSS = 0 V, HS (High-speed main) mode only)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
USB
standard
BC1.2
UDP sink current
IDP_SINK
25
100
175
A
UDM sink current
IDM_SINK
25
100
175
A
DCD source current
IDP_SRC
710
13
A
Data detection voltage
VDAT_REF
0.25
0.325
0.4
V
UDP source voltage
VDP_SRC
Output current 250
A
0.5
0.6
0.7
V
UDM source voltage
VDM_SRC
Output current 250
A
0.5
0.6
0.7
V
UDP
UDM
10%
VCRS (Crossover voltage)
90%
90%
10%
tR
tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com