Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F110MF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F110MF
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F110MF Datasheet HTML 1Page - Renesas Technology Corp R5F110MF Datasheet HTML 2Page - Renesas Technology Corp R5F110MF Datasheet HTML 3Page - Renesas Technology Corp R5F110MF Datasheet HTML 4Page - Renesas Technology Corp R5F110MF Datasheet HTML 5Page - Renesas Technology Corp R5F110MF Datasheet HTML 6Page - Renesas Technology Corp R5F110MF Datasheet HTML 7Page - Renesas Technology Corp R5F110MF Datasheet HTML 8Page - Renesas Technology Corp R5F110MF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 153 page
background image
RL78/L1C
1. OUTLINE
R01DS0192EJ0200 Rev. 2.00
Page 4 of 149
Feb 21, 2014
Figure 1 - 1 Part Number, Memory Size, and Package of RL78/L1C
Caution
Orderable part numbers are current as of when this manual was published.
Please make sure to refer to the relevant product page on the Renesas website for the latest part numbers.
Packaging specification:
#30: Tray (LFQFP)
#U0: Tray (VFLGA)
#50: Embossed Tape (LFQFP)
#W0: Embossed Tape (VFLGA)
R 5 F 1 1 0 P E A x x x F B # 3 0
Part No.
Package type:
FB: LFQFP, 0.50 mm pitch
LA: VFLGA, 0.65 mm pitch
Fields of application:
A: Consumer applications, TA = -40 to +85 °C
G: Industrial applications, TA = -40 to +105 °C
ROM capacity:
E: 64 KB
F: 96 KB
G: 128 KB
H: 192 KB
J: 256 KB
Pin count:
M: 80-pin
N: 85-pin
P: 100-pin
RL78/L1C Group
110: Products with USB
111: Products without USB
Memory type:
F: Flash memory
Renesas MCU
Renesas semiconductor product
ROM number (Omitted with blank products)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com