Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43L42 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 4Page - Cirrus Logic CS43L42 Datasheet HTML 5Page - Cirrus Logic CS43L42 Datasheet HTML 6Page - Cirrus Logic CS43L42 Datasheet HTML 7Page - Cirrus Logic CS43L42 Datasheet HTML 8Page - Cirrus Logic CS43L42 Datasheet HTML 9Page - Cirrus Logic CS43L42 Datasheet HTML 10Page - Cirrus Logic CS43L42 Datasheet HTML 11Page - Cirrus Logic CS43L42 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
CS43L42
8
DS481PP2
POWER AND THERMAL CHARACTERISTICS (GND = 0 V; All voltages with respect to
ground. All measurements taken with all zeros input and open outputs, unless otherwise specified.)
Notes: 8. Power Down Mode is defined as RST = LO with all clocks and data lines held static.
9. Valid with the recommended capacitor values on FILT+, VQ_LINE and VQ_HP as shown in Figure 6.
Increasing the capacitance will also increase the PSRR. Note that care should be taken when selecting
capacitor type, as any leakage current in excess of 1.0 µA will cause degradation in analog
performance.
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current-
VA=1.8 V
Normal Operation
VA_HP=1.8 V
VA_LINE=1.8 V
VL=1.8 V
IA
IA_HP
IA_LINE
ID_L
-
-
-
-
7.3
1.5
1.6
4
-
-
-
-
mA
mA
mA
µA
Power Supply Current-
VA=1.8 V
Power Down Mode (Note 8)
VA_HP=1.8 V
VA_LINE=1.8 V
VL=1.8 V
IA
IA_HP
IA_LINE
ID_L
-
-
-
-
TBD
TBD
TBD
TBD
-
-
-
-
µA
µA
µA
µA
Power Supply Current-
VA=3.0 V
Normal Operation
VA_HP=3.0 V
VA_LINE=3.0 V
VL=3.0 V
IA
IA_HP
IA_LINE
ID_L
-
-
-
-
10.5
1.5
1.7
9.3
-
-
-
-
mA
mA
mA
µA
Power Supply Current-
VA=3.0 V
Power Down Mode (Note 8)
VA_HP=3.0 V
VA_LINE=3.0 V
VL=3.0 V
IA
IA_HP
IA_LINE
ID_L
-
-
-
-
TBD
TBD
TBD
TBD
-
-
-
-
µA
µA
µA
µA
Total Power Dissipation-
All Supplies=1.8 V
Normal Operation
All Supplies=3.0 V
-
-
19
41
TBD
TBD
mW
mW
Maximum Headphone Power Dissipation
(1 kHz full-scale sine wave
VA=1.8 V
into 16 ohm load)
VA=3.0 V
-
-
TBD
TBD
-
-
mW
mW
Package Thermal Resistance
θJA
-75-
°C/Watt
Power Supply Rejection Ratio (Note 9)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com