Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43L42 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 16Page - Cirrus Logic CS43L42 Datasheet HTML 17Page - Cirrus Logic CS43L42 Datasheet HTML 18Page - Cirrus Logic CS43L42 Datasheet HTML 19Page - Cirrus Logic CS43L42 Datasheet HTML 20Page - Cirrus Logic CS43L42 Datasheet HTML 21Page - Cirrus Logic CS43L42 Datasheet HTML 22Page - Cirrus Logic CS43L42 Datasheet HTML 23Page - Cirrus Logic CS43L42 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
CS43L42
20
DS481PP2
4.7 Mode Control (address 07h)
4.7.1 BASS BOOST CORNER FREQUENCY (BBCF)
Default = 00
00 - 50 Hz
01 - 100 Hz
10 - 200 Hz
11 - Reserved
Function:
The bass boost corner frequency is user selectable as shown above.
4.7.2 TREBLE BOOST CORNER FREQUENCY (TBCF)
Default = 00
00 - 2 kHz
01 - 4 kHz
10 - 7 kHz
11 - Reserved
Function:
The treble boost corner frequency is user selectable as shown above.
Note:
Treble Boost is not available in High-Rate Mode.
4.7.3 CHANNEL A VOLUME = CHANNEL B VOLUME (A=B)
Default = 0
0 - Disabled
1 - Enabled
Function:
The AOUTA/HP_A and AOUTB/HP_B volume levels are independently controlled by the A and the B
Channel Volume Control Bytes when this function is disabled. The volume on both AOUTA/HP_A and
AOUTB/HP_B are determined by the A Channel Attenuation and Volume Control Bytes, and the B Chan-
nel Bytes are ignored when this function is enabled.
7
654
32
10
BBCF1
BBCF0
TBCF1
TBCF0
A=B
DEM1
DEM0
VCBYP
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com