Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43L42 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 1 Page - Cirrus Logic

  CS43L42 Datasheet HTML 1Page - Cirrus Logic CS43L42 Datasheet HTML 2Page - Cirrus Logic CS43L42 Datasheet HTML 3Page - Cirrus Logic CS43L42 Datasheet HTML 4Page - Cirrus Logic CS43L42 Datasheet HTML 5Page - Cirrus Logic CS43L42 Datasheet HTML 6Page - Cirrus Logic CS43L42 Datasheet HTML 7Page - Cirrus Logic CS43L42 Datasheet HTML 8Page - Cirrus Logic CS43L42 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
http://www.cirrus.com
Features
1.8 to 3.3 Volt supply
24-Bit conversion / 96 kHz sample rate
96 dB dynamic range at 3 V supply
-85 dB THD+N
Low power consumption
Digital volume control
• 96 dB attenuation, 1 dB step size
Digital bass and treble boost
• Selectable corner frequencies
• Up to 12 dB boost in 1 dB increments
Peak signal limiting to prevent clipping
De-emphasis for 32 kHz, 44.1 kHz, and 48 kHz
Headphone amplifier
• up to 25 mWrms power output into 16 Ω load*
• 25 dB analog attenuation and mute
• Zero crossing click free level transitions
ATAPI mixing functions
24-Pin TSSOP package
* 1 kHz sine wave at 3.3V supply
Description
The CS43L42 is a complete stereo digital-to-analog out-
put system including interpolation, 1-bit D/A conversion,
analog filtering, volume control, line level outputs, and a
headphone amplifier, in a 24-pin TSSOP package.
The CS43L42 is based on delta-sigma modulation,
where the modulator output controls the reference volt-
age input to an ultra-linear analog low-pass filter. This
architecture allows infinite adjustment of the sample rate
between 2 kHz and 100 kHz simply by changing the
master clock frequency.
The CS43L42 contains on-chip digital bass and treble
boost, peak signal limiting, and de-emphasis.
The
CS43L42 operates from a +1.8 V to +3.3 V supply and
consumes only 16 mW of power with a 1.8 V supply with
the line amplifier powered-down. These features are
ideal for portable CD, MP3 and MD players and other
portable playback systems that require extremely low
power consumption.
ORDERING INFORMATION
CS43L42-KZ
-10 to 70 °C
24-pin TSSOP
CS43L42-KZZ, Lead Free
-10 to 70 °C
24-pin TSSOP
CDB43L42
Evaluation Board
SCL/CCLK/DIF1 SDA/CDIN/DIF0 AD0/CS/DEM0
MUTEC
Control Port
Digital
Volume
Control
Bass/Treble
Boost
Limiting
Analog
Filter
Analog
Filter
HP_A
HP_B
AOUTA
AOUTB
RST
LRCK
SCLK/DEM1
SDATA
∆Σ
DAC
∆Σ
DAC
External
Mute Control
Analog
Volume
Control
MCLK
Analog
Volume
Control
VA_HP
VA_LINE
VA
VL
GND
VQ_HP
FILT+
REF_GND
VQ_LINE
CS43L42
Low Voltage, Stereo DAC with Headphone Amp
Sep ‘04
DS481PP2


Similar Part No. - CS43L42

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L41 CIRRUS-CS43L41 Datasheet
622Kb / 36P
Low Power 24-Bit, 96 kHz DAC with Volume Control?
CS43L41-KZ CIRRUS-CS43L41-KZ Datasheet
622Kb / 36P
Low Power 24-Bit, 96 kHz DAC with Volume Control?
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
CS43L43-KZ CIRRUS-CS43L43-KZ Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
CS43L43-KZZ CIRRUS-CS43L43-KZZ Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
More results

Similar Description - CS43L42

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
Low Voltage, Stereo CODEC with headphone Amp
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
logo
Realtek Semiconductor C...
ALC5628 REALTEK-ALC5628 Datasheet
802Kb / 45P
I2S/PCM STEREO DAC WITH HEADPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com