Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43L42 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 19Page - Cirrus Logic CS43L42 Datasheet HTML 20Page - Cirrus Logic CS43L42 Datasheet HTML 21Page - Cirrus Logic CS43L42 Datasheet HTML 22Page - Cirrus Logic CS43L42 Datasheet HTML 23Page - Cirrus Logic CS43L42 Datasheet HTML 24Page - Cirrus Logic CS43L42 Datasheet HTML 25Page - Cirrus Logic CS43L42 Datasheet HTML 26Page - Cirrus Logic CS43L42 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
CS43L42
DS481PP2
23
4.10.3 PEAK SIGNAL LIMITER ENABLE (LIM_EN)
Default = 0
0 - Disabled
1 - Enabled
Function:
The CS43L42 will limit the maximum signal amplitude to prevent clipping when this function is enabled.
Peak Signal Limiting is performed by first decreasing the Bass and Treble Boost Levels. If the signal is
still clipping, the digital attenuation is increased. The attack rate is determined by the Limiter Attack Rate
register.
Once the signal has dropped below the clipping level, the attenuation is decreased back to the user se-
lected level followed by the Bass Boost being increased back to the user selected level. The release rate
is determined by the Limiter Release Rate register.
Note: The A=B bit should be set to ‘1’ for optimal limiter performance.
4.10.4 ATAPI CHANNEL MIXING AND MUTING (ATAPI)
Default = 1001 - AOUTA/HP_A = L, AOUTB/HP_B = R (Stereo)
Function:
The CS43L42 implements the channel mixing functions of the ATAPI CD-ROM specification. Refer to Ta-
ble 7 and Figure 31 for additional information.
Note:
All mixing functions occur prior to the digital volume control.
ATAPI3
ATAPI2
ATAPI1
ATAPI0
AOUTA/HP_A
AOUTB/HP_B
0
0
0
0
MUTE
MUTE
0001
MUTE
R
0010
MUTE
L
0011
MUTE
[(L+R)/2]
0100
R
MUTE
0101
R
R
0110
R
L
0
1
1
1
R
[(L+R)/2]
1000
L
MUTE
1001
L
R
1010
L
L
1
0
1
1
L
[(L+R)/2]
1
1
0
0
[(L+R)/2]
MUTE
1101
[(L+R)/2]
R
1110
[(L+R)/2]
L
1
1
1
1
[(L+R)/2]
[(L+R)/2]
Table 7. ATAPI Decode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com