Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43L42 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 14Page - Cirrus Logic CS43L42 Datasheet HTML 15Page - Cirrus Logic CS43L42 Datasheet HTML 16Page - Cirrus Logic CS43L42 Datasheet HTML 17Page - Cirrus Logic CS43L42 Datasheet HTML 18Page - Cirrus Logic CS43L42 Datasheet HTML 19Page - Cirrus Logic CS43L42 Datasheet HTML 20Page - Cirrus Logic CS43L42 Datasheet HTML 21Page - Cirrus Logic CS43L42 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
CS43L42
18
DS481PP2
4.2 Channel A Analog Headphone Attenuation Control (address 02h) (HVOLA)
4.3 Channel B Analog Headphone Attenuation Control (address 03h) (hVOLB)
Default = 0 dB (No attenuation)
Function:
The Analog Headphone Attenuation Control operates independently from the Digital Volume Control. The
Analog Headphone Attenuation Control registers allow attenuation of the headphone output signal for
each channel in 1 dB increments from 0 to -25 dB. Attenuation settings are decoded using a 2’s comple-
ment code, as shown in Table 1. The volume changes are implemented as dictated by the Soft and Zero
Cross bits in the Power and Muting Control register. All volume settings greater than zero are interpreted
as zero.
Note:
The Analog Headphone Attenuation only affects the headphone outputs.
4.4 Channel A Digital Volume Control (address 04h) (DVOLA)
4.5 Channel B Digital Volume Control (address 05h) (DVOLB)
Default = 0 dB (No attenuation)
Function:
The Digital Volume Control registers allow independent control of the signal levels in 1 dB increments
from +18 to -96 dB. Volume settings are decoded using a 2’s complement code, as shown in Table 2.
The volume changes are implemented as dictated by the Soft and Zero Cross bits in the Power and Mut-
ing Control register. All volume settings less than -96 dB are equivalent to muting the channel via the
ATAPI bits (see Section 4.10.4).
Note:
The digital volume control affects both the line outputs and the headphone outputs. Setting this
register to values greater than +18 dB will cause distortion in the audio outputs.
7
654
32
10
HVOLx7
HVOLx6
HVOLx5
HVOLx4
HVOLx3
HVOLx2
HVOLx1
HVOLx0
0
000
00
00
Binary Code
Decimal Value
Volume Setting
00000000
0
0 dB
11110110
-10
-10 dB
11110001
-15
-15 dB
Table 1. Example Analog Volume Settings
7
654
32
10
DVOLx7
DVOLx6
DVOLx5
DVOLx4
DVOLx3
DVOLx2
DVOLx1
DVOLx0
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com