Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43L42 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 3 Page - Cirrus Logic

  CS43L42 Datasheet HTML 1Page - Cirrus Logic CS43L42 Datasheet HTML 2Page - Cirrus Logic CS43L42 Datasheet HTML 3Page - Cirrus Logic CS43L42 Datasheet HTML 4Page - Cirrus Logic CS43L42 Datasheet HTML 5Page - Cirrus Logic CS43L42 Datasheet HTML 6Page - Cirrus Logic CS43L42 Datasheet HTML 7Page - Cirrus Logic CS43L42 Datasheet HTML 8Page - Cirrus Logic CS43L42 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
CS43L42
DS481PP2
3
4.10 Volume and Mixing Control (address 0Ah)....................................... 22
4.10.1 Tone Control MODE (TC)............................................................... 22
4.10.2 Tone Control Enable (TC_EN) ....................................................... 22
4.10.3 Peak Signal Limiter Enable (LIM_EN)............................................ 23
4.10.4 ATAPI Channel Mixing and Muting (atapi) ..................................... 23
4.11 Mode Control 2 (address 0Bh) ......................................................... 24
4.11.1 Master Clock DIVIDE ENABLE (mclkdiv)....................................... 24
4.11.2 Line Amplifier Gain Compensation (line)........................................ 24
4.11.3 Digital Interface Format (dif)........................................................... 24
5. PIN DESCRIPTION ....................................................................................... 26
6. APPLICATIONS ........................................................................................... 29
6.1 Grounding and Power Supply Decoupling ........................................ 29
6.2 Clock Modes ...................................................................................... 29
6.3 De-Emphasis ..................................................................................... 29
6.4 Recommended Power-up Sequence ................................................ 29
6.5 PopGuard® Transient Control ........................................................... 29
7. CONTROL PORT INTERFACE .................................................................... 30
7.1 SPI Mode ........................................................................................... 30
7.2 Two-Wire Mode ................................................................................. 30
7.3 Memory Address Pointer (MAP)
............................................... 31
7.3.1 INCR (Auto Map Increment Enable)................................................. 31
7.3.2 MAP0-3 (Memory Address Pointer) ................................................. 31
8. PARAMETER DEFINITIONS ........................................................................ 39
9. REFERENCES .............................................................................................. 39
10. PACKAGE DIMENSIONS ......................................................................... 40
LIST OF FIGURES
Figure 1. External Serial Mode Input Timing ............................................................ 11
Figure 2. Internal Serial Mode Input Timing ............................................................. 11
Figure 3. Internal Serial Clock Generation ............................................................... 11
Figure 4. Control Port Timing - Two-Wire Mode ....................................................... 12
Figure 5. Control Port Timing - SPI Mode ................................................................ 13
Figure 6. Typical Connection Diagram ..................................................................... 14
Figure 7. Control Port Timing, SPI mode .................................................................. 31
Figure 8. Control Port Timing, Two-Wire Mode ........................................................ 31
Figure 9. Base-Rate Stopband Rejection ................................................................. 32
Figure 10. Base-Rate Transition Band ..................................................................... 32
Figure 11. Base-Rate Transition Band (Detail) ......................................................... 32
Figure 12. Base-Rate Passband Ripple ................................................................... 32
Figure 13. High-Rate Stopband Rejection ................................................................ 32
Figure 14. High-Rate Transition Band ...................................................................... 32
Figure 15. High-Rate Transition Band (Detail) ......................................................... 33
Figure 16. High-Rate Passband Ripple .................................................................... 33
Figure 17. Line Output Test Load ............................................................................. 33
Figure 18. Headphone Output Test Load ................................................................. 33
Figure 19. CS43L42 Control Port Mode - Serial Audio Format 0 ............................. 34
Figure 20. CS43L42 Control Port Mode - Serial Audio Format 1 ............................. 34
Figure 21. CS43L42 Control Port Mode - Serial Audio Format 2 ............................. 34
Figure 22. CS43L42 Control Port Mode - Serial Audio Format 3 ............................. 35
Figure 23. CS43L42 Control Port Mode - Serial Audio Format 4 ............................. 35
Figure 24. CS43L42 Control Port Mode - Serial Audio Format 5 ............................. 35
Figure 25. CS43L42 Control Port Mode - Serial Audio Format 6 ............................. 36
Figure 26. CS43L42 Stand Alone Mode - Serial Audio Format 0 ............................. 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com