Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43L42 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 26Page - Cirrus Logic CS43L42 Datasheet HTML 27Page - Cirrus Logic CS43L42 Datasheet HTML 28Page - Cirrus Logic CS43L42 Datasheet HTML 29Page - Cirrus Logic CS43L42 Datasheet HTML 30Page - Cirrus Logic CS43L42 Datasheet HTML 31Page - Cirrus Logic CS43L42 Datasheet HTML 32Page - Cirrus Logic CS43L42 Datasheet HTML 33Page - Cirrus Logic CS43L42 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
CS43L42
30
DS481PP2
To prevent an audio transient at the next power-on,
the DC-blocking capacitors must fully discharge
before turning off the power or exiting the pow-
er-down state. If full discharge does not occur, a
transient will occur when the audio outputs are ini-
tially clamped to GND. The time that the device
must remain in the power-down state is related to
the value of the DC-blocking capacitance and the
output load. For example, with a 220 µF capacitor
and a 16 ohm load on the headphone outputs, the
minimum power-down time will be approximately
0.4 seconds.
Use of the Mute Control function on the line out-
puts is recommended for designs requiring the ab-
solute minimum in extraneous clicks and pops.
Also, use of the Mute Control function can enable
the system designer to achieve idle channel
noise/signal-to-noise ratios only limited by the ex-
ternal mute circuit. See the CDB43L42 Datasheet
for a suggested mute circuit.
7. CONTROL PORT INTERFACE
The control port is used to load all the internal set-
tings. The operation of the control port may be
completely asynchronous with the audio sample
rate. However, to avoid potential interference prob-
lems, the control port pins should remain static if
no operation is required.
The control port has 2 modes: SPI and Two-Wire,
with the CS43L42 operating as a slave device. If
Two-Wire operation is desired, AD0/CS should be
tied to VL or GND. If the CS43L42 ever detects a
high to low transition on AD0/CS after power-up,
SPI mode will be selected.
7.1 SPI Mode
In SPI mode, CS is the CS43L42 chip select signal,
CCLK is the control port bit clock, CDIN is the in-
put data line from the microcontroller and the chip
address is 0010000. All signals are inputs and data
is clocked in on the rising edge of CCLK. Figure 7
shows the operation of the control port in SPI
mode. To write to a register, bring CS low. The first
7 bits on CDIN form the chip address and must be
0010000. The eighth bit is a read/write indicator
(R/W), which must be low to write. The next 8 bits
form the Memory Address Pointer (MAP), which is
set to the address of the register that is to be updat-
ed. The next 8 bits are the data which will be placed
into register designated by the MAP.
The CS43L42 has a MAP auto increment capabili-
ty, enabled by the INCR bit in the MAP register. If
INCR is a zero, then the MAP will stay constant for
successive writes. If INCR is set to a 1, then MAP
will auto increment after each byte is written, al-
lowing block writes of successive registers.
7.2 Two-Wire Mode
In Two-Wire mode, SDA is a bidirectional data
line. Data is clocked into and out of the part by the
clock, SCL, with the clock to data relationship as
shown in Figure 8. There is no CS pin. Pin AD0
forms the partial chip address and should be tied to
VL or GND as required. The upper 6 bits of the 7
bit address field must be 001000. To communicate
with the CS43L42, the LSB of the chip address
field, which is the first byte sent to the CS43L42,
should match the setting of the AD0 pin. The eighth
bit of the address byte is the R/W bit (high for a
read, low for a write). If the operation is a write, the
next byte is the Memory Address Pointer, MAP,
which selects the register to be read or written. The
MAP is then followed by the data to be written. If
the operation is a read, the contents of the register
pointed to by the MAP will be output after the chip
address.
The CS43L42 has MAP auto increment capability,
enabled by the INCR bit in the MAP register. If
INCR is 0, then the MAP will stay constant for suc-
cessive writes. If INCR is set to 1, then MAP will
auto increment after each byte is written, allowing
block reads or writes of successive registers.
The Two-Wire mode is compatible with the I2C
protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com