Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5101A Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5101A
Description  16-Bit, 100kHz/ 20kHz A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 5Page - Cirrus Logic CS5101A Datasheet HTML 6Page - Cirrus Logic CS5101A Datasheet HTML 7Page - Cirrus Logic CS5101A Datasheet HTML 8Page - Cirrus Logic CS5101A Datasheet HTML 9Page - Cirrus Logic CS5101A Datasheet HTML 10Page - Cirrus Logic CS5101A Datasheet HTML 11Page - Cirrus Logic CS5101A Datasheet HTML 12Page - Cirrus Logic CS5101A Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
SWITCHING CHARACTERISTICS (Continued)
Parameter
Symbol
Min
Typ
Max
Units
PDT and RBT Modes
SCLK Input Pulse Period
tsclk
200
-
-
ns
SCLK Input Pulse Width Low
tsclkl
50
-
-
ns
SCLK Input Pulse Width High
tsclkh
50
-
-
ns
SCLK Input Falling to SDATA Valid
tdss
-
100
150
ns
HOLD Falling to SDATA Valid
PDT Mode
tdhs
-
140
230
ns
TRK1, TRK2 Falling to SDATA Valid
(Note 30)
tdts
-
65
125
ns
FRN and SSC Modes
SCLK Output Pulse Width Low
tslkl
-2tclk
-tclk
SCLK Output Pulse Width High
tslkh
-2tclk
-tclk
SDATA Valid Before Rising SCLK
tss
2tclk-100
-
-
ns
SDATA Valid After Rising SCLK
tsh
2tclk-100
-
-
ns
SDL Falling to 1st Rising SCLK
trsclk
-2tclk
-ns
Last Rising SCLK to SDL Rising
CS5101A
CS5102A
trsdl
trsdl
-
-
2tclk
2tclk
2tclk+165
2tclk+200
ns
ns
HOLD Falling to 1st Falling SCLK
CS5101A
CS5102A
thfs
thfs
6tclk
6tclk
-
-
8tclk+165
8tclk+200
ns
ns
CH1/2 Edge to 1st Falling SCLK
tchfs
-7tclk
-
tclk
Note:
30. Only valid for TRK1, TRK2 falling when SCLK is low. If SCLK is high when TRK1, TRK2 falls, then
SDATA is valid tdss time after the next falling SCLK.
DIGITAL CHARACTERISTICS (TA = Tmin to Tmax; VA+, VD+ = 5V ± 10%; VA-,
VD- = 5V
± 10%)
Parameter
Symbol
Min
Typ
Max
Units
Calibration Memory Retention
(Note 31)
Power Supply Voltage VA+ and VD+
VMR
2.0
-
-
V
High-Level Input Voltage
VIH
2.0
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
High-Level Output Voltage
(Note 32)
VOH
(VD+)-1.0
-
-
V
Low-Level Output Voltage
IOUT = 1.6 mA
VOL
--
0.4
V
Input Leakage Current
Iin
--
10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Notes: 31. VA- and VD- can be any value from zero to -5V for memory retention. Neither VA- or VD- should be
allowed to go positive. AIN1, AIN2 or VREF must not be greater than VA+ or VD+.
This parameter is guaranteed by characterization.
32. IOUT = -100
µA. This specification guarantees TTL compatibility (VOH = 2.4V @ Iout = -40 µA).
CS5101A CS5102A
DS45F2
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com