Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5101A Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS5101A
Description  16-Bit, 100kHz/ 20kHz A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 32Page - Cirrus Logic CS5101A Datasheet HTML 33Page - Cirrus Logic CS5101A Datasheet HTML 34Page - Cirrus Logic CS5101A Datasheet HTML 35Page - Cirrus Logic CS5101A Datasheet HTML 36Page - Cirrus Logic CS5101A Datasheet HTML 37Page - Cirrus Logic CS5101A Datasheet HTML 38Page - Cirrus Logic CS5101A Datasheet HTML 39Page - Cirrus Logic CS5101A Datasheet HTML 40Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Apr ’00 : 28 PIN PLASTIC (PDIP) (600 MIL) PACKAGE DRAWING
INCHES
MILLIMETERS
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.000
--
0.200
0.00
--
5.08
A1
0.020
0.022
0.025
0.508
0.560
0.64
A2
0.120
0.150
0.180
3.05
3.81
4.57
b
0.015
0.018
0.022
0.38
0.46
0.56
b1
0.030
0.050
0.070
0.76
1.27
1.78
c
0.008
0.010
0.014
0.20
0.25
0.36
D
1.380
1.473
1.565
35.05
37.40
39.75
E
0.600
0.615
0.630
15.24
15.62
15.88
E1
0.500
0.540
0.570
12.70
13.71
14.47
e
--
0.070 BSC
--
--
1.78 BSC
--
eA
--
0.600 BSC
--
--
15.24 BSC
--
eB
0.600
0.650
0.700
15.24
16.89
17.78
eC
0.000
0.030
0.060
0.00
0.762
1.52
L
0.100
0.130
0.140
2.54
3.302
5.08
∝
0°
8°
15°
0°
8°
15°
JEDEC # : MS-020
Controling Dimension is Inches
28 PIN PLASTIC (PDIP) (600 MIL) PACKAGE DRAWING
E1
D
SEATING
PLANE
b1
e
b
A
L
A1
∝
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1
eA
c
A2
E
eC
eB
PKPD028A01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com