Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5101A Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5101A
Description  16-Bit, 100kHz/ 20kHz A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 1 Page - Cirrus Logic

  CS5101A Datasheet HTML 1Page - Cirrus Logic CS5101A Datasheet HTML 2Page - Cirrus Logic CS5101A Datasheet HTML 3Page - Cirrus Logic CS5101A Datasheet HTML 4Page - Cirrus Logic CS5101A Datasheet HTML 5Page - Cirrus Logic CS5101A Datasheet HTML 6Page - Cirrus Logic CS5101A Datasheet HTML 7Page - Cirrus Logic CS5101A Datasheet HTML 8Page - Cirrus Logic CS5101A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS5101A
CS5102A
16-Bit, 100 kHz / 20 kHz A/D Converters
Features
l Monolithic CMOS A/D Converters
- Inherent Sampling Architecture
- 2-Channel Input Multiplexer
- Flexible Serial Output Port
l Ultra-Low Distortion
- S/(N+D): 92 dB
- THD: 0.001%
l Conversion Time
- CS5101A: 8 µs
- CS5102A: 40 µs
l Linearity Error: ±0.001% FS
- Guaranteed No Missing Codes
l Self-Calibration Maintains Accuracy
- Over Time and Temperature
l Low Power Consumption
- CS5101A: 320 mW
- CS5102A: 44 mW
- Power-down Mode: <1 mW
l Evaluation Board Available
Description
The CS5101A and CS5102A are 16-bit monolithic
CMOS analog-to-digital converters capable of 100 kHz
(5101A)
and
20
kHz
(5102A)
throughput.
The
CS5102A’s low power consumption of 44 mW, coupled
with a power down mode, makes it particularly suitable
for battery powered operation.
On-chip self-calibration circuitry achieves nonlinearity of
±0.001% of FS and guarantees 16-bit no missing codes
over the entire specified temperature range. Superior lin-
earity also leads to 92 dB S/(N+D) with harmonics below
-100 dB. Offset and full-scale errors are minimized dur-
ing the calibration cycle, eliminating the need for external
trimming.
The CS5101A and CS5102A each consist of a 2-chan-
nel input multiplexer, DAC, conversion and calibration
microcontroller, clock generator, comparator, and serial
communications port. The inherent sampling architec-
ture of the device eliminates the need for an external
track and hold amplifier.
The converters' 16-bit data is output in serial form with ei-
ther binary or 2's complement coding. Three output
timing modes are available for easy interfacing to micro-
controllers and shift registers. Unipolar and bipolar input
ranges are digitally selectable.
ORDERING INFORMATION
See page 36.
I
CLKIN
REFBUF
VREF
AIN1
AGND
HOLD SLEEPRST
CODE BP/UP
TRK1 TRK2 SSH/SDLSDATA
SCLK
TEST
DGND
VD-
VD+
VA-
VA+
12
28
2
5
16
17
8
9
11
15
3
21
20
19
22
25
23
7
1
6
26
14
-
+
-
+
-
+
-
+
Clock
Generator
Control
Calibration
Microcontroller
Comparator
16-Bit Charge
SRAM
Redistribution
DAC
STBY
CRS/FIN
10
XOUT
4
AIN2
24
CH1/2
13
SCKMOD
27
OUTMOD
18
MAR ‘95
DS45F2


Similar Part No. - CS5101A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
CS5101A-BL8 CIRRUS-CS5101A-BL8 Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
CS5101A-BL8Z CIRRUS-CS5101A-BL8Z Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
CS5101A-JL8 CIRRUS-CS5101A-JL8 Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
CS5101A-JL8Z CIRRUS-CS5101A-JL8Z Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
More results

Similar Description - CS5101A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
MN6500 ETC1-MN6500 Datasheet
1Mb / 8P
100kHz 16-Bit, A/D CONVERTER
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
16-Bit, 1MHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
16-Bit, 3MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
16-Bit, 10MHz Sampling A/D Converters
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
16-bit, 100kHz Sampling A/D Converter
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
HIGH RESOLUTION 16 BIT D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com