Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5101A Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5101A
Description  16-Bit, 100kHz/ 20kHz A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 20Page - Cirrus Logic CS5101A Datasheet HTML 21Page - Cirrus Logic CS5101A Datasheet HTML 22Page - Cirrus Logic CS5101A Datasheet HTML 23Page - Cirrus Logic CS5101A Datasheet HTML 24Page - Cirrus Logic CS5101A Datasheet HTML 25Page - Cirrus Logic CS5101A Datasheet HTML 26Page - Cirrus Logic CS5101A Datasheet HTML 27Page - Cirrus Logic CS5101A Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
0
65,535
Cd
32,768
+1
0
-1
+1/2
-1/2
TA = 25
°C
0
65,535
Codes
32,768
+1
0
-1
+1/2
-1/2
TA = 138
°C, CAL @ 25 °C
0
65,535
Codes
32,768
+1
0
-1
+1/2
-1/2
TA = 138
°C, CAL @ 25 °C
Figure 14. CS5102A DNL Plot; Ambient Temperature at 138
°C
Figure 13. CS5102A DNL Plot; Ambient Temperature at 25
°C
Figure 12. CS5101A DNL Plot; Ambient Temperature at 138
°C
Figure 11. CS5101A DNL Plot; Ambient Temperature at 25
°C
0
65,535
Codes
32,768
+1
0
-1
+1/2
-1/2
TA = 25
°C
CS5101A CS5102A
24
DS45F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com