Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5101A Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5101A
Description  16-Bit, 100kHz/ 20kHz A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 31Page - Cirrus Logic CS5101A Datasheet HTML 32Page - Cirrus Logic CS5101A Datasheet HTML 33Page - Cirrus Logic CS5101A Datasheet HTML 34Page - Cirrus Logic CS5101A Datasheet HTML 35Page - Cirrus Logic CS5101A Datasheet HTML 36Page - Cirrus Logic CS5101A Datasheet HTML 37Page - Cirrus Logic CS5101A Datasheet HTML 38Page - Cirrus Logic CS5101A Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
PARAMETER DEFINITIONS
Linearity Error
The deviation of a code from a straight line passing through the endpoints of the transfer
function after zero- and full-scale errors have been accounted for. "Zero-scale" is a point 1/2
LSB below the first code transition and "full-scale" is a point 1/2 LSB beyond the code
transition to all ones. The deviation is measured from the middle of each particular code. Units
in % Full-Scale.
Differential Linearity
Minimum resolution for which no missing codes is guaranteed. Units in bits.
Full Scale Error
The deviation of the last code transition from the ideal (VREF-3/2 LSB’s). Units in LSB’s.
Unipolar Offset
The deviation of the first code transition from the ideal (1/2 LSB above AGND) when in
unipolar mode (BP/UP low). Units in LSB’s.
Bipolar Offset
The deviation of the mid-scale transition (011...111 to 100...000) from the ideal (1/2 LSB below
AGND) when in bipolar mode (BP/UP high). Units in LSB’s.
Bipolar Negative Full-Scale Error
The deviation of the first code transition from the ideal when in bipolar mode (BP/UP high).
The ideal is defined as lying on a straight line which passes through the final and mid-scale
code transitions. Units in LSB’s.
Signal to Peak Harmonic or Noise
The ratio of the rms value of the signal to the rms value of the next largest spectral component
below the Nyquist rate (excepting dc). This component is often an aliased harmonic when the
signal frequency is a significant proportion of the sampling rate. Expressed in decibels.
Total Harmonic Distortion
The ratio of the rms sum of all harmonics to the rms value of the signal. Units in percent.
Signal-to-(Noise + Distortion)
The ratio of the rms value of the signal to the rms sum of all other spectral components below
the Nyquist rate (excepting dc), including distortion components. Expressed in decibels.
Aperture Time
The time required after the hold command for the sampling switch to open fully. Effectively a
sampling delay which can be nulled by advancing the sampling signal. Units in nanoseconds.
Aperture Jitter
The range of variation in the aperture time. Effectively the "sampling window" which ultimately dic-
tates the maximum input signal slew rate acceptable for a given accuracy. Units in picoseconds.
CS5101A CS5102A
DS45F2
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com