Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5101A Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5101A
Description  16-Bit, 100kHz/ 20kHz A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 30Page - Cirrus Logic CS5101A Datasheet HTML 31Page - Cirrus Logic CS5101A Datasheet HTML 32Page - Cirrus Logic CS5101A Datasheet HTML 33Page - Cirrus Logic CS5101A Datasheet HTML 34Page - Cirrus Logic CS5101A Datasheet HTML 35Page - Cirrus Logic CS5101A Datasheet HTML 36Page - Cirrus Logic CS5101A Datasheet HTML 37Page - Cirrus Logic CS5101A Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Digital Outputs
STBY - Standby (Calibrating), PIN 5.
Indicates calibration status after reset. Remains low throughout the calibration sequence and
returns high upon completion.
SDATA - Serial Output, PIN 15.
Presents each output data bit on a falling edge of SCLK. Data is valid to be latched on the
rising edge of SCLK.
SSH/SDL - Simultaneous Sample/Hold / Serial Data Latch, PIN 11.
Used to control an external sample/hold amplifier to achieve simultaneous sampling between
channels. In FRN and SSC modes (SCLK is an output), this signal provides a convenient latch
signal which forms the 16 data bits. This can be used to control external serial to parallel
latches, or to control the serial port in a DSP.
TRK1, TRK2 - Tracking Channel 1, Tracking Channel 2, PINS 8 and 9.
Falls low at the end of a conversion cycle, indicating the acquisition phase for the
corresponding channel. The TRK1 or TRK2 pin will return high at the beginning of conversion
for that channel.
Analog Outputs
REFBUF - Reference Buffer Output, PIN 21.
Reference buffer output. A 0.1
µF ceramic capacitor must be tied between this pin and VA-.
Miscellaneous
TEST - Test, PIN 26.
Allows access to the CS5101A’s and the CS5102A’s test functions which are reserved for
factory use. Must be tied to VD+.
CS5101A CS5102A
34
DS45F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com