Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5101A Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS5101A
Description  16-Bit, 100kHz/ 20kHz A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 32Page - Cirrus Logic CS5101A Datasheet HTML 33Page - Cirrus Logic CS5101A Datasheet HTML 34Page - Cirrus Logic CS5101A Datasheet HTML 35Page - Cirrus Logic CS5101A Datasheet HTML 36Page - Cirrus Logic CS5101A Datasheet HTML 37Page - Cirrus Logic CS5101A Datasheet HTML 38Page - Cirrus Logic CS5101A Datasheet HTML 39Page - Cirrus Logic CS5101A Datasheet HTML 40Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Apr ’00 : 28L PLCC PACKAGE DRAWING
INCHES
MILLIMETERS
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.165
0.1725
0.180
4.191
4.3815
4.572
A1
0.090
0.105
0.120
2.286
2.667
3.048
B
0.013
0.017
0.021
0.3302
0.4318
0.533
D
0.485
0.490
0.495
12.319
12.446
12.573
D1
0.450
0.453
0.456
11.430
11.506
11.582
D2
0.390
0.410
0.430
9.906
10.414
10.922
E
0.485
0.490
0.495
12.319
12.446
12.573
E1
0.450
0.453
0.456
11.430
11.506
11.582
E2
0.390
0.410
0.430
9.906
10.414
10.922
e
0.040
0.050
0.060
1.016
1.270
1.524
JEDEC # : MS-047 AA-AF
Controlling Dimension is Inches
28L PLCC PACKAGE DRAWING
D1
D
E1 E
D2/E2
B
e
A1
A
PKPL028A01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com