Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 118 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 118 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 114Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 115Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 116Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 117Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 118Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 119Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 120Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 121Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 122Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 197 page
background image
Pin Descriptions
5- 4
R ev isio n 1 2
VJTAG
Supply
Digital supply to the JTAG controller
SmartFusion cSoCs have a separate bank for the dedicated JTAG pins. The JTAG pins
can be run at any voltage from 1.5 V to 3.3 V (nominal). Isolating the JTAG power
supply in a separate I/O bank gives greater flexibility in supply selection and simplifies
power supply and PCB design. If the JTAG interface is neither used nor planned to be
used, the VJTAG pin together with the TRSTB pin could be tied to GND. Note that VCC
is required to be powered for JTAG operation; VJTAG alone is insufficient. If a
SmartFusion cSoC is in a JTAG chain of interconnected boards and it is desired to
power down the board containing the device, this can be done provided both VJTAG
and VCC to the device remain powered; otherwise, JTAG signals will not be able to
transition the device, even in bypass mode. See "JTAG Pins" section on page 5-10.
VPP
Supply
Digital programming circuitry supply
SmartFusion cSoCs support single-voltage in-system programming (ISP) of the
configuration flash, embedded FlashROM (eFROM), and embedded nonvolatile
memory (eNVM).
For programming, VPP should be in the 3.3 V ± 5% range. During normal device
operation, VPP can be left floating or can be tied to any voltage between 0 V and 3.6 V.
When the VPP pin is tied to ground, it shuts off the charge pump circuitry, resulting in no
sources of oscillation from the charge pump circuitry. For proper programming, 0.01μF,
and 0.1μF to 1μF capacitors, (both rated at 16 V) are to be connected in parallel across
VPP and GND, and positioned as close to the FPGA pins as possible.
Name
Type
Description
Notes:
1. The following 3.3 V supplies should be connected together while following proper noise filtering practices: VCC33A,
VCC33ADCx, VCC33AP, VCC33SDDx, VCCMAINXTAL, and VCCLPXTAL.
2. The following 1.5 V supplies should be connected together while following proper noise filtering practices: VCC,
VCC15A, and VCC15ADCx.
3. For more details on VCCPLLx capacitor recommendations, refer to the application note AC359, SmartFusion cSoC
Board Design Guidelines, the "PLL Power Supply Decoupling Scheme" section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com