Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 121 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 121 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 117Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 118Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 119Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 120Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 121Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 122Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 123Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 124Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 125Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 7
User I/O Naming Conventions
The naming convention used for each FPGA user I/O is Gmn/IOuxwByVz, where:
Gmn
is only used for I/Os that also have CCC access—i.e., global pins. Refer to the "Global I/O Naming
Conventions" section on page 5-6.
u
= I/O pair number in bank, starting at 00 from the northwest I/O bank and proceeding in a clockwise
direction.
x
= P (positive) or N (negative) or S (single-ended) or R (regular, single-ended).
w
= D (Differential Pair), P (Pair), or S (Single-Ended). D (Differential Pair) if both members of the pair
are bonded out to adjacent pins or are separated only by one GND or NC pin; P (Pair) if both members of
the pair are bonded out but do not meet the adjacency requirement; or S (Single-Ended) if the I/O pair is
not bonded out. For Differential Pairs (D), adjacency for ball grid packages means only vertical or
horizontal. Diagonal adjacency does not meet the requirements for a true differential pair.
B
= Bank
y
= Bank number starting at 0 from northwest I/O bank and incrementing clockwise.
V
= Reference voltage
z
= VREF mini bank number.
The FPGA user I/O pin functions as an input, output, tristate or bidirectional buffer. Input and output
signal levels are compatible with the I/O standard selected. Unused I/O pins are disabled by Libero SoC
software and include a weak pull-up resistor. During power-up, the used I/O pins are tristated with no
pull-up or pull-down resistors until I/O enable (there is a delay after voltage stabilizes, and different I/O
banks power up sequentially to avoid a surge of ICCI).
Unused I/Os are configured as follows:
•
Output buffer is disabled (with tristate value of high impedance)
•
Input buffer is disabled (with tristate value of high impedance)
•
Weak pull-up is programmed
Some of these pins are also multiplexed with integrated peripherals in the MSS (Ethernet MAC and
external memory controller).
Unused MSS I/Os are neither weakly pulled-up nor weakly pulled-down. The Schmitt trigger is disabled.
Essentially, I/Os have the reset values as defined in Table 19-25 IOMUX_n_CR, in the SmartFusion
Microcontroller Subsystem User's Guide
.
By default, during programming I/Os become tristated and weakly pulled up to VCCxxxxIOBx. You can
modify the I/O states during programming in FlashPro. For more details, refer to "Specifying I/O States
During Programming" on page 1-3. With the VCCI and VCC supplies continuously powered up, when the
device transitions from programming to operating mode, the I/Os are instantly configured to the desired
user configuration. For more information, see the SmartFusion FPGA User I/Os section in the
SmartFusion FPGA Fabric User’s Guide
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com