Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 184 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 184 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 180Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 181Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 182Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 183Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 184Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 185Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 186Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 187Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 188Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 197 page
background image
Datasheet Information
6- 2
R ev isio n 1 2
Revision 10
(January 2013)
The "SmartFusion cSoC Family Product Table" section has been updated to specify
that External Memory Controller support for A2F060-TQ144 is not available (SAR
41555).
II
The following Note was added to the "Package I/Os: MSS + FPGA I/Os" table (SAR
41027): "There are no LVTTL capable direct inputs available on A2F060 devices."
III
The "Product Ordering Codes" section has been updated to mention "Y" as "Blank"
mentioning "Device Does Not Include License to Implement IP Based on the
Cryptography Research, Inc. (CRI) Patent Portfolio" (SAR 43218).
VI
Added a note to Table 2-3 • Recommended Operating Conditions5,6 (SAR 43428):
The programming temperature range supported is Tambient = 0°C to 85°C.
2-3
Statements about the state of the I/Os during programming were updated in the
following sections: "I/O Power-Up and Supply Voltage Thresholds for Power-On
Reset (Commercial and Industrial)" and "User I/O Naming Conventions" (SAR
43380).
2-4, 5-7
In Table 2-4 • FPGA and Embedded Flash Programming, Storage and Operating
Limits, the upper value of temperature ranges was corrected from "Min." to "Max."
(SAR 41826).
2-4
Information for A2F200M3F-CS288 was added to Table 2-6 • Package Thermal
Resistance. The die size column was removed (SARs 41828, 42168).
Also added details for A2F200M3F-PQG208I (SAR 35728).
2-7
Added the following note to Table 2-65 • LVDS and Table 2-68 • LVPECL: "The above
mentioned timing parameters correspond to 24mA drive strength." (SAR 43457)
2-41,
2-43
The note in Table 2-86 • SmartFusion CCC/PLL Specification referring the reader to
SmartGen was revised to refer instead to the online help associated with the core
(SAR 34816).
2-63
The SRAM collision data in Table 2-87 • RAM4K9 and Table 2-88 • RAM512X18 was
updated (SAR 38583).
2-69,2-70
The maximum input bias current for comparators 1, 3, 5, 7, and 9, in Table 2-97 •
Comparator Performance Specifications, was revised from 60 to 100 nA (SAR
36008).
2-83
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com