Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 187 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 187 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 183Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 184Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 185Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 186Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 187Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 188Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 189Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 190Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 191Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
6 - 5
Revision 8
(continued)
The description of "In-application programming (IAP)" methodology was changed to
state the difference for A2F060 and A2F500 compared to A2F200 (SAR 37808).
4-7
The "Global I/O Naming Conventions" section is new (SARs 28996, 31147). The
description for IO "User Pins" was revised accordingly and moved out of the table and
into a new section: "User I/O Naming Conventions".
5-6, 5-6
The descriptions for "MAINXIN" and "MAINXOUT" were revised to state how they
should be handled if using an external RC network or clock input (SAR 32594).
5-8
The description and type was revised for the "MSS_RESET_N" pin (SAR 34133).
5-9
The "TQ144" section and pin table for A2F060 are new (SAR 36246).
5-18
Revision 7
(August 2011)
The title of the datasheet was changed from SmartFusion Intelligent Mixed Signal
FPGAs to SmartFusion Customizable System-on-Chip (cSoC). Terminology
throughout was changed accordingly. The term cSoC defines a category of devices
that include at least FPGA fabric and a processor subsystem of some sort. It can also
include any of the following: analog, SerDes, ASIC blocks, customer specific IP, or
application-specific IP. SmartFusion is Microsemi’s first cSoC (SAR 33071).
N/A
The "SmartFusion cSoC Family Product Table" was revised to remove the note
stating that the A2F060 device is under definition and subject to change (SAR 33070).
A note was added for EMC, stating that it is not available on A2F500 for the PQ208
package (SAR 33041).
II
The "SmartFusion cSoC Device Status" table was revised. The status for A2F060
CS288 and FG256 moved from Advance to Preliminary. A2F200 PQ208 and A2F500
PQ208 moved from Advance to Production (SAR 33069).
III
The "Package I/Os: MSS + FPGA I/Os" table was revised. The number of direct
analog inputs for A2F060 packages increased from 6 to 11. The number of MSS I/Os
for the A2F060 FG256 package increased from 25 to 26 (SAR 33070). A note was
added stating that EMC is not available for the A2F500 PQ208 package (SAR 33041).
III
The note associated with the "SmartFusion cSoC System Architecture" diagram was
corrected from "Architecture for A2F500" to "Architecture for A2F200" (SAR 32578).
V
The Licensed DPA Logo was added to the "Product Ordering Codes" section. The
trademarked Licensed DPA Logo identifies that a product is covered by a DPA
counter-measures license from Cryptography Research (SAR 32151).
VI
The "Security" section and "Secure Programming" section were updated to clarify that
although no existing security measures can give an absolute guarantee, SmartFusion
cSoCs implement the best security available in the industry (SAR 32865).
1-2, 4-9
Storage temperature, TSTG, and junction temperature, TJ, were added to Table 2-1 •
Absolute Maximum Ratings (SAR 30863).
2-1
AC/DC characteristics for A2F060 were added to the "SmartFusion DC and Switching
Characteristics" chapter (SAR 33132). The following tables were updated:
Table 2-14 • Different Components Contributing to Dynamic Power Consumption in
SmartFusion cSoCs
Table 2-15 • Different Components Contributing to the Static Power Consumption in
SmartFusion cSoCs
Table 2-90 • eNVM Block Timing, Worst Commercial Case Conditions: TJ = 85°C,
VCC = 1.425 V
Table 2-98 • Analog Sigma-Delta DAC
Table 2-100 • SPI Characteristics
2-12
2-13
2-75
2-84
2-88
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com