Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641A Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AT25DF641A Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
10
AT25DF641A [DATASHEET]
8793D–DFLASH–5/2013
Figure 7-1. Read Array – 1Bh Opcode
Figure 7-2. Read Array – 0Bh Opcode
Figure 7-3. Read Array – 03h Opcode
SCK
CS
SI
SO
MSB
MSB
23
1
0
00011011
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
50 51
49
52
55 56
54
53
Opcode
AAAA
AAA
AA
MSB
XXXXXXXX
MSB
MSB
DDDDDDDD
D
D
Address Bits A23-A0
Dummy Byte
MSB
XXXXXXXX
Dummy Byte
Data Byte 1
High-impedance
SCK
CS
SI
SO
MSB
MSB
23
1
0
00001011
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
Opcode
AAAA
AAA
AA
MSB
XXXXXXXX
MSB
MSB
DDDDDDDD
D
D
Address Bits A23-A0
Dummy Byte
Data Byte 1
High-impedance
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000011
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
AAAA
AAA
AA
MSB
MSB
DDDDDDDD
D
D
Address Bits A23-A0
Data Byte 1
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com