Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641A Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button AT25DF641A Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
35
AT25DF641A [DATASHEET]
8793D–DFLASH–5/2013
11.
Status Register Commands
11.1 Read Status Register
The 2-byte Status Register can be read to determine the device’s ready/busy status, as well as the status of many other
functions such as Hardware Locking and Software Protection. The Status Register can be read at any time, including
during an internally self-timed program or erase operation.
To read the Status Register, the CS pin must first be asserted and then the opcode 05h must be clocked into the device.
After the opcode has been clocked in, the device will begin outputting Status Register data on the SO pin during every
subsequent clock cycle. After the second byte of the Status Register has been clocked out, the sequence will repeat
itself, starting again with the first byte of the Status Register as long as the CS pin remains asserted and the clock pin is
being pulsed. The data in the Status Register is constantly being updated, so each repeating sequence will output new
data. The RDY/BSY status is available for both bytes of the Status Register and is updated for each byte.
At clock frequencies above fCLK, the first two bytes of data output from the Status Register will not be valid. Therefore, if
operating at clock frequencies above fCLK, at least four bytes of data must be clocked out from the device in order to read
the correct values of both bytes of the Status Register.
Deasserting the CS pin will terminate the Read Status Register operation and put the SO pin into a high-impedance
state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.
Table 11-1. Status Register Format – Byte 1
Notes: 1. Only bit 7 of Status Register Byte 1 will be modified when using the Write Status Register Byte 1 command.
2. R/W = Readable and Writeable
R = Readable only
Bit(1)
Name
Type(2)
Description
7
SPRL
Sector Protection Registers Locked
R/W
0
Sector Protection Registers are unlocked (default).
1
Sector Protection Registers are locked.
6
RES
Reserved for future use
R
0
Reserved for future use.
5
EPE
Erase/Program Error
R
0
Erase or program operation was successful.
1
Erase or program error detected.
4
WPP
Write Protect (WP) Pin Status
R
0
WP is asserted.
1
WP is deasserted.
3:2
SWP
Software Protection Status
R
00
All sectors are software unprotected (all Sector
Protection Registers are 0).
01
Some sectors are software protected. Read
individual Sector Protection Registers to determine
which sectors are protected.
10
Reserved for future use.
11
All sectors are software protected (all Sector
Protection Registers are 1 – default).
1
WEL
Write Enable Latch Status
R
0
Device is not write enabled (default).
1
Device is write enabled.
0
RDY/BSY
Ready/Busy Status
R
0
Device is ready.
1
Device is busy with an internal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com