Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641A Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AT25DF641A Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
16
AT25DF641A [DATASHEET]
8793D–DFLASH–5/2013
8.3
Block Erase
A block of 4KB, 32KB, or 64KB can be erased (all bits set to the Logical 1 state) in a single operation by using one of
three different opcodes for the Block Erase command. A 20h opcode is used for a 4KB erase, a 52h opcode is used for a
32KB erase, and a D8h opcode is used for a 64KB erase. Before a Block Erase command can be started, the Write
Enable command must have been previously issued to the device to set the WEL bit of the Status Register to a Logical 1
state.
To perform a Block Erase, the CS pin must first be asserted and the appropriate opcode (20h, 52h, or D8h) must be
clocked into the device. After the opcode has been clocked in, the three address bytes specifying an address within the
4KB, 32KB, or 64KB block to be erased must be clocked in. Any additional data clocked into the device will be ignored.
When the CS pin is deasserted, the device will erase the appropriate block. The erasing of the block is internally
self-timed and should take place in a time of tBLKE.
Since the Block Erase command erases a region of bytes, the lower order address bits do not need to be decoded by the
device. Therefore, for a 4KB erase, address bits A11-A0 will be ignored by the device and their values can be either a
Logical 1 or 0. For a 32KB erase, address bits A14-A0 will be ignored, and for a 64KB erase, address bits A15-A0 will be
ignored. Despite the lower order address bits not being decoded by the device, the complete three address bytes must
still be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted on an even byte
boundary (multiples of eight bits); otherwise, the device will abort the operation and no erase operation will be performed.
If the address specified by A23-A0 points to a memory location within a sector that is in the protected or locked down
state, then the Block Erase command will not be executed, and the device will return to the idle state once the CS pin has
been deasserted.
The WEL bit in the Status Register will be reset back to the Logical 0 state if the erase cycle aborts due to an incomplete
address being sent, the CS pin being deasserted on uneven byte boundaries, or because a memory location within the
region to be erased is protected or locked down.
While the device is executing a successful erase cycle, the Status Register can be read and will indicate that the device
is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the tBLKE time to
determine if the device has finished erasing. At some point before the erase cycle completes, the WEL bit in the Status
Register will be reset back to the Logical 0 state.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If
an erase error occurs, it will be indicated by the EPE bit in the Status Register.
Figure 8-5. Block Erase
SCK
CS
SI
SO
MSB
MSB
23
1
0
CCCCCCCC
67
5
410 11
9
812
31
29 30
27 28
26
Opcode
AAAA
AAA
AA
A
A
A
Address Bits A23-A0
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com