Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641A Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button AT25DF641A Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
41
AT25DF641A [DATASHEET]
8793D–DFLASH–5/2013
12.
Other Commands and Functions
12.1 Reset
In some applications, it may be necessary to prematurely terminate a program or erase cycle early rather than wait the
hundreds of microseconds or milliseconds necessary for the program or erase operation to complete normally. The
Reset command allows a program or erase operation in progress to be ended abruptly and returns the device to an idle
state. Since the need to reset the device is immediate, the Write Enable command does not need to be issued prior to the
Reset command being issued. Therefore, the Reset command operates independently of the state of the WEL bit in the
Status Register.
The Reset command can only be executed if the command has been enabled by setting the Reset Enabled (RSTE) bit in
the Status Register to a Logical 1. If the Reset command has not been enabled (the RSTE bit is in the Logical 0 state),
then any attempts at executing the Reset command will be ignored.
To perform a Reset, the CS pin must first be asserted and then the opcode F0h must be clocked into the device. No
address bytes need to be clocked in, but a confirmation byte of D0h must be clocked into the device immediately after the
opcode. Any additional data clocked into the device after the confirmation byte will be ignored. When the CS pin is
deasserted, the program or erase operation currently in progress will be terminated within a time of tRST. Since the
program or erase operation may not complete before the device is reset, the contents of the page being programmed or
the block being erased cannot be guaranteed to be valid.
The Reset command has no effect on the states of the Sector Protection Registers, the Sector Lockdown Registers, or
the SPRL, RSTE, and SLE bits in the Status Register. The WEL, PS, and ES bits, however, will be reset back to their
default states. If a Reset operation is performed while a sector is erase suspended, the suspend operation will abort, and
the contents of the block being erased in the suspended sector will be left in an undefined state. If a Reset is performed
while a sector is program suspended, the suspend operation will abort, and the contents of the page that was being
programmed and subsequently suspended will be undefined. The remaining pages in the 64KB sector will retain their
previous contents.
The complete opcode and confirmation byte must be clocked into the device before the CS pin is deasserted, and the CS
pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no Reset operation will be
performed.
Figure 12-1. Reset
SCK
CS
SI
SO
MSB
23
1
0
1111000
67
5
4
Opcode
Confirmation Byte In
10 11
9
814 15
13
12
0
MSB
1101000
0
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com