Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641A Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button AT25DF641A Datasheet HTML 49Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 50Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 51Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 52Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 53Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 54Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 55Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 56Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
53
AT25DF641A [DATASHEET]
8793D–DFLASH–5/2013
16.
Ordering Information
16.1 Ordering Detail
16.2 Green Package Options (Pb/Halide-free/RoHS Compliant)
Notes: 1. B = Bulk
2. T = Tape and reel
SOIC = 4K per reel
UDFN = 5K per reel
3. The shipping carrier option code is not marked on the device.
Designator
Product Family
Interface
Device Density
Device Revision
Shipping Carrier Option
Device Grade
Package Option
1 = Serial
64 = 64-megabit
B = Bulk (tubes)
Y = Bulk (trays)
T = Tape and reel
H = Green, NiPdAu lead finish,
Industrial temperature range
(-40°C to +85°C)
S = 8-lead, 0.208” wide SOIC
M = 8-pad, 5 x 6 x 0.6mm UDFN
A T25DF641A-SH-B
Ordering Code
Package
Lead Finish
Operating Voltage
fSCK
Device Grade
AT25DF641A-SH-B(1)(3)
8S2
NiPdAu
2.7V to 3.6V
100MHz
Industrial
(-40°C to +85°C)
AT25DF641A-SH-T(2)(3)
AT25DF641A-MH-Y(3)
8MA1
AT25DF641A-MH-T(2)(3)
Package Type
8S2
8-lead, 0.208” wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
8MA1
8-pad (5 x 6 x 0.6mm body), Thermally Enhanced Plastic Ultra Thin Dual Flat No Lead (UDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com