Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AT25DF641A Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
8
AT25DF641A [DATASHEET]
8793D–DFLASH–5/2013
Table 6-1.
Command Listing
Command
Opcode
Clock
Frequency
Address
Bytes
Dummy
Bytes
Data
Bytes
Read Commands
Read Array
1Bh
0001 1011
Up to 100MHz
3
2
1+
0Bh
0000 1011
Up to 85MHz
3
1
1+
03h
0000 0011
Up to 40MHz
3
0
1+
Dual-Output Read Array
3Bh
0011 1011
Up to 65MHz
3
1
1+
Program and Erase Commands
Block Erase (4KB)
20h
0010 0000
Up to 100MHz
3
0
0
Block Erase (32KB)
52h
0101 0010
Up to 100MHz
3
0
0
Block Erase (64KB)
D8h
1101 1000
Up to 100MHz
3
0
0
Chip Erase
60h
0110 0000
Up to 100MHz
0
0
0
C7h
1100 0111
Up to 100MHz
0
0
0
Byte/Page Program (1 to 256 bytes)
02h
0000 0010
Up to 100MHz
3
0
1+
Dual-Input Byte/Page Program (1 to 256 bytes)
A2h
1010 0010
Up to 100MHz
3
0
1+
Program/Erase Suspend
B0h
1011 0000
Up to 100MHz
0
0
0
Program/Erase Resume
D0h
1101 0000
Up to 100MHz
0
0
0
Protection Commands
Write Enable
06h
0000 0110
Up to 100MHz
0
0
0
Write Disable
04h
0000 0100
Up to 100MHz
0
0
0
Protect Sector
36h
0011 0110
Up to 100MHz
3
0
0
Unprotect Sector
39h
0011 1001
Up to 100MHz
3
0
0
Global Protect/Unprotect
Use Write Status Register Byte 1 Command
Read Sector Protection Registers
3Ch
0011 1100
Up to 100MHz
3
0
1+
Security Commands
Sector Lockdown
33h
0011 0011
Up to 100MHz
3
0
1
Freeze Sector Lockdown State
34h
0011 0100
Up to 100MHz
3
0
1
Read Sector Lockdown Registers
35h
0011 0101
Up to 100MHz
3
0
1+
Program OTP Security Register
9Bh
1001 1011
Up to 100MHz
3
0
1+
Read OTP Security Register
77h
0111 0111
Up to 100MHz
3
2
1+
Status Register Commands
Read Status Register
05h
0000 0101
Up to 100MHz
0
0
1+
Write Status Register Byte 1
01h
0000 0001
Up to 100MHz
0
0
1
Write Status Register Byte 2
31h
0011 0001
Up to 100MHz
0
0
1
Miscellaneous Commands
Reset
F0h
1111 0000
Up to 100MHz
0
0
1
Read Manufacturer and Device ID
9Fh
1001 1111
Up to 85 MHz
0
0
1 to 4
Deep Power-Down
B9h
1011 1001
Up to 100 MHz
0
0
0
Resume from Deep Power-Down
ABh
1010 1011
Up to 100 MHz
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com