Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641A Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button AT25DF641A Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
37
AT25DF641A [DATASHEET]
8793D–DFLASH–5/2013
11.1.2 EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or not. If at least one byte
during the erase or program operation did not erase or program properly, then the EPE bit will be set to the Logical 1
state. The EPE bit will not be set if an erase or program operation aborts for any reason such as an attempt to erase or
program a protected region or a locked down sector, an attempt to erase or program a suspended sector, or if the WEL
bit is not set prior to an erase or program operation. The EPE bit will be updated after every erase and program
operation.
11.1.3 WPP Bit
The WPP bit can be read to determine if the WP pin has been asserted or not.
11.1.4 SWP Bits
The SWP bits provide feedback on the software protection status for the device. There are three possible combinations
of the SWP bits that indicate whether none, some, or all of the sectors have been protected using the Protect Sector
command or the Global Protect feature. If the SWP bits indicate that some of the sectors have been protected, then the
individual Sector Protection Registers can be read with the Read Sector Protection Registers command to determine
which sectors are in fact protected.
11.1.5 WEL Bit
The WEL bit indicates the current status of the internal Write Enable Latch. When the WEL bit is in the Logical 0 state,
the device will not accept any Byte/Page Program, erase, Protect Sector, Unprotect Sector, Sector Lockdown, Freeze
Sector Lockdown State, Program OTP Security Register, or Write Status Register commands. The WEL bit defaults to
the Logical 0 state after a device power-up or reset operation. In addition, the WEL bit will be reset to the Logical 0 state
automatically under the following conditions:
Write Disable operation completes successfully
Write Status Register operation completes successfully or aborts
Protect Sector operation completes successfully or aborts
Unprotect Sector operation completes successfully or aborts
Sector Lockdown operation completes successfully or aborts
Freeze Sector Lockdown State operation completes successfully or aborts
Program OTP Security Register operation completes successfully or aborts
Byte/Page Program operation completes successfully or aborts
Block Erase operation completes successfully or aborts
Chip Erase operation completes successfully or aborts
Hold condition aborts
If the WEL bit is in the Logical 1 state, it will not be reset to a Logical 0 if an operation aborts due to an incomplete or
unrecognized opcode being clocked into the device before the CS pin is deasserted. In order for the WEL bit to be reset
when an operation aborts prematurely, the entire opcode for a Byte/Page Program, erase, Protect Sector, Unprotect
Sector, Sector Lockdown, Freeze Sector Lockdown State, Program OTP Security Register, or Write Status Register
command must have been clocked into the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com