Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641A Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button AT25DF641A Datasheet HTML 50Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 51Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 52Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 53Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 54Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 55Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 56Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 57Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 58Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
56
AT25DF641A [DATASHEET]
8793D–DFLASH–5/2013
18.
Revision History
Doc. Rev.
Date
Comments
8693D
5/2013
Updated copyright date, registered logo trademarks and revision dates.
8693C
11/2012
Update to Adesto.
8693B
05/2012
Increase Page Program typical time from 1.0ms to 2.5ms and maximum time from 3ms to 6ms.
Increase Block Erase 64KB typical time from 400ms to 600ms and maximum time from
950ms to 1100ms.
Decrease Read Array 03h maximum clock frequency from 50MHz to 40MHz.
Decrease Dual-Output Read Array 3Bh maximum clock frequency from 85MHz to 65MHz.
Increase Deep Power-Down current maximum from 10μA to 20μA.
Increase active curent, read operation:
• 100MHz from typical 12mA to 30mA and maximum 19mA to 40mA.
• 85MHz from typical 10mA to 29mA and maximum 17mA to 38mA.
• 66MHz from typical 8mA to 28mA and maximum 14mA to 37mA.
• 50MHz from typical 7mA to 27mA and maximum 12mA to 36mA.
• 33MHz from typical 6mA to 26mA and maximum 10mA to 35mA.
• 20MHz from typical 5mA to 25mA and maximum 8mA to 34mA.
Increase maximum tRDPD time from 30μs to 50μs.
Increase Byte Program typical time from 7μs to 30μs.
Increase Chip Erase typical time from 55 sec to 70 sec and maximum from 100 sec to 150 sec.
Add note and two examples to Byte/Page Program section.
Various typographical edits throughout document.
Change from preliminary to complete/released status.
Update template.
8693A
08/2010
Initial document release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com