Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA690IDBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690IDBVT
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690IDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA690IDBVT Datasheet HTML 12Page - Texas Instruments OPA690IDBVT Datasheet HTML 13Page - Texas Instruments OPA690IDBVT Datasheet HTML 14Page - Texas Instruments OPA690IDBVT Datasheet HTML 15Page - Texas Instruments OPA690IDBVT Datasheet HTML 16Page - Texas Instruments OPA690IDBVT Datasheet HTML 17Page - Texas Instruments OPA690IDBVT Datasheet HTML 18Page - Texas Instruments OPA690IDBVT Datasheet HTML 19Page - Texas Instruments OPA690IDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
OPA690
High-Speed
DAC
V =I R
O
O
F
R
F
C
F
C
D
I
O
I
O
50W
1
2 R C
p F F
=
GBP
4 R C
p F D
f
=
-3dB
GBP
2 R C
p
D
F
OPA690
2kW
0.1 F
m
400W
50W
50W
+12V
5pF
1V
PP
50W
Source
8V
PP
4V
PP
50W
Load
2kW
OPA690
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
www.ti.com
HIGH-PERFORMANCE DAC
The 5pF capacitor in the feedback loop provides
TRANSIMPEDANCE AMPLIFIER
added bandwidth control for the signal path.
High-frequency,
direct
digital
synthesis
(DDS)
Digital-to-Analog Converters (DACs) require a low
distortion output amplifier to retain their SFDR
performance into real-world loads. See Figure 40 for
a single-ended output drive implementation. In this
circuit, only one side of the complementary output
drive signal is used. The diagram shows the signal
output current connected into the virtual ground
summing junction of the OPA690, which is set up as
a transimpedance stage or I-V converter. The unused
current output of the DAC is connected to ground. If
the DAC requires that its outputs terminate to a
compliance voltage other than ground for operation,
the appropriate voltage level may be applied to the
noninverting input of the OPA690. The dc gain for this
circuit is equal to RF. At high frequencies, the DAC
output capacitance will produce a zero in the noise
gain for the OPA690 that may cause peaking in the
closed-loop frequency response. CF is added across
RF to compensate for this noise gain peaking. To
Figure 40. DAC Transimpedance Amplifier
achieve a flat transimpedance frequency response,
the pole in the feedback network should be set to:
(1)
which
will
give
a
closed-loop
transimpedance
bandwidth, f−3dB, of approximately:
(2)
Where GBP = gain bandwidth product (Hz) for the
OPA690.
HIGH-POWER LINE DRIVER
The large output swing capability of the OPA690 and
its high current capability allow it to drive a 50
Ω line
Figure 41. High-Power Coax Line Driver
with a peak-to-peak signal up to 4VPP at the load, or
8VPP at the output of the amplifier using a single 12V
supply. Figure 41 shows such a circuit set for a gain
of 8 to the output or 4 to the load.
16
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com