Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA690IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690IDBVT
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA690IDBVT Datasheet HTML 4Page - Texas Instruments OPA690IDBVT Datasheet HTML 5Page - Texas Instruments OPA690IDBVT Datasheet HTML 6Page - Texas Instruments OPA690IDBVT Datasheet HTML 7Page - Texas Instruments OPA690IDBVT Datasheet HTML 8Page - Texas Instruments OPA690IDBVT Datasheet HTML 9Page - Texas Instruments OPA690IDBVT Datasheet HTML 10Page - Texas Instruments OPA690IDBVT Datasheet HTML 11Page - Texas Instruments OPA690IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
LoadResistance(W)
100
1000
-60
-65
-70
-75
-80
-85
-90
V =2V
O
PP
f=5MHz
3rd-Harmonic
2nd-Harmonic
SupplyVoltage(±V
S)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-60
-65
-70
-75
-80
3rd-Harmonic
2nd-Harmonic
V =2V
O
PP
R =100W
L
f=5MHz
Frequency(MHz)
0.1
1
10
20
-40
-50
-60
-70
-80
-90
-100
V =2V
O
PP
R =100W
L
2nd-Harmonic
3rd-Harmonic
OutputVoltageSwing(V
)
PP
0.1
1
5
-60
-65
-70
-75
-80
R
W
L =100
f=5MHz
3rd-Harmonic
2nd-Harmonic
NoninvertingGain(V/V)
1
10
20
-40
-50
-60
-70
-80
-90
3rd-Harmonic
2nd-Harmonic
V =2V
O
PP
R =100W
L
f=5MHz
InvertingGain(V/V)
1
10
20
-40
-50
-60
-70
-80
3rd-Harmonic
2nd-Harmonic
V
O
PP
=2V
R
L =100W
f=5MHz
R
F =1kW
OPA690
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 36 for ac performance only), unless otherwise noted.
HARMONIC DISTORTION
5MHz HARMONIC DISTORTION
vs LOAD RESISTANCE
vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs FREQUENCY
vs OUTPUT VOLTAGE
Figure 9.
Figure 10.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs NONINVERTING GAIN
vs INVERTING GAIN
Figure 11.
Figure 12.
8
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com