Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA690IDBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690IDBVT
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690IDBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA690IDBVT Datasheet HTML 11Page - Texas Instruments OPA690IDBVT Datasheet HTML 12Page - Texas Instruments OPA690IDBVT Datasheet HTML 13Page - Texas Instruments OPA690IDBVT Datasheet HTML 14Page - Texas Instruments OPA690IDBVT Datasheet HTML 15Page - Texas Instruments OPA690IDBVT Datasheet HTML 16Page - Texas Instruments OPA690IDBVT Datasheet HTML 17Page - Texas Instruments OPA690IDBVT Datasheet HTML 18Page - Texas Instruments OPA690IDBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
70
68
66
64
62
60
58
56
54
52
50
OutputPull-DownCurrent(mA)
0
1
2
3
4
5
6
7
8
9
10
V =2V
,10MHz
O
PP
OPA690
402W
50W
402W
59W
1V
PP
698W
698W
V
I
+5V
DIS
0.1 F
m
R
S
30W
I
B
R
B
50pF
0.1 F
m
2.5VDC
±1VAC
ADCInput
Power-supplydecouplingnotshown.
OPA690
www.ti.com
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
Again, an additional resistor (50
Ω in this case) is
The OPA690 in the circuit of Figure 39 provides
included directly in series with the noninverting input.
> 200MHz bandwidth for a 2VPP output swing.
This minimum recommended value provides part of
Minimal
3rd-harmonic
distortion
or
two-tone,
the
dc
source
resistance
matching
for
the
3rd-order intermodulation distortion will be observed
noninverting input bias current. It is also used to form
due to the very low crossover distortion in the
a simple parasitic pole to roll off the frequency
OPA690
output
stage.
The
limit
of
output
response at very high frequencies ( > 500MHz) using
Spurious-Free Dynamic Range (SFDR) will be set by
the input parasitic capacitance to form a bandlimiting
the 2nd-harmonic distortion. Without RB, the circuit of
pole. The gain resistor (RG) is ac-coupled, giving the
Figure 39 measured at 10MHz shows an SFDR of
circuit a dc gain of +1, which puts the input dc bias
57dBc. This may be improved by pulling additional dc
voltage (2.5V) at the output as well. The output
bias current (IB) out of the output stage through the
voltage can swing to within 1V of either supply pin
optional RB resistor to ground (the output midpoint is
while
delivering
>
100mA
output
current.
A
at 2.5V for Figure 39). Adjusting IB gives the
demanding 100
Ω load to a midpoint bias is used in
improvement in SFDR shown in Figure 38. SFDR
this characterization circuit. The new output stage
improvement is achieved for IB values up to 5mA,
circuit used in the OPA690 can deliver large bipolar
with worse performance for higher values.
output currents into this midpoint load with minimal
crossover distortion, as shown in the +5V supply,
3rd-harmonic distortion plots.
SINGLE-SUPPLY ADC INTERFACE
Most modern, high performance ADCs (such as the
TI ADS8xx and ADS9xx series) operate on a single
+5V (or lower) power supply. It has been a
considerable challenge for single-supply op amps to
deliver a low distortion input signal at the ADC input
for signal frequencies exceeding 5MHz. The high
slew rate, exceptional output swing, and high linearity
of the OPA690 make it an ideal single-supply ADC
driver. The circuit on the front page shows one
possible (inverting) interface. Figure 39 shows the
test circuit of Figure 37 modified for a capacitive
(ADC) load and with an optional output pull-down
Figure 38. SFDR vs IB
resistor (RB).
Figure 39. SFDR versus IB Test Circuit
Copyright © 2001–2010, Texas Instruments Incorporated
15
Product Folder Link(s): OPA690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com