Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA690IDBVT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690IDBVT
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690IDBVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA690IDBVT Datasheet HTML 23Page - Texas Instruments OPA690IDBVT Datasheet HTML 24Page - Texas Instruments OPA690IDBVT Datasheet HTML 25Page - Texas Instruments OPA690IDBVT Datasheet HTML 26Page - Texas Instruments OPA690IDBVT Datasheet HTML 27Page - Texas Instruments OPA690IDBVT Datasheet HTML 28Page - Texas Instruments OPA690IDBVT Datasheet HTML 29Page - Texas Instruments OPA690IDBVT Datasheet HTML 30Page - Texas Instruments OPA690IDBVT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
External
Pin
+V
CC
-VCC
Internal
Circuitry
OPA690
www.ti.com
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
destination devices to be handled as separate
INPUT AND ESD PROTECTION
transmission lines, each with their own series and
The OPA690 is built using a very high-speed
shunt terminations. If the 6dB attenuation of a
complementary bipolar process. The internal junction
doubly-terminated
transmission
line
is
breakdown voltages are relatively low for these very
unacceptable,
a
long
trace
can
be
small geometry devices. These breakdowns are
series-terminated at the source end only. Treat
reflected in the Absolute Maximum Ratings table. All
the trace as a capacitive load in this case and set
device pins are protected with internal ESD protection
the series resistor value as shown in the plot of
diodes to the power supplies, as shown in Figure 50.
Recommended RS vs Capacitive Load (Figure 15
for ±5V and Figure 30 for +5V). This will not
preserve
signal
integrity
as
well
as
a
doubly-terminated line. If the input impedance of
the destination device is low, there will be some
signal attenuation due to the voltage divider
formed by the series output into the terminating
impedance.
e. Socketing a high-speed part like the OPA690
is not recommended. The additional lead length
Figure 50. Internal ESD Protection
and pin-to-pin capacitance introduced by the
socket can create an extremely troublesome
parasitic network which can make it almost
These diodes provide moderate protection to input
impossible to achieve a smooth, stable frequency
overdrive voltages above the supplies as well. The
response. Best results are obtained by soldering
protection
diodes
can
typically
support
30mA
the OPA690 onto the board.
continuous
current.
Where
higher
currents
are
possible (e.g., in systems with ±15V supply parts
driving into the OPA690), current-limiting series
resistors should be added into the two inputs. Keep
these resistor values as low as possible since high
values
degrade
both
noise
performance
and
frequency response.
Copyright © 2001–2010, Texas Instruments Incorporated
27
Product Folder Link(s): OPA690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com