Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA690IDBVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690IDBVT
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690IDBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA690IDBVT Datasheet HTML 14Page - Texas Instruments OPA690IDBVT Datasheet HTML 15Page - Texas Instruments OPA690IDBVT Datasheet HTML 16Page - Texas Instruments OPA690IDBVT Datasheet HTML 17Page - Texas Instruments OPA690IDBVT Datasheet HTML 18Page - Texas Instruments OPA690IDBVT Datasheet HTML 19Page - Texas Instruments OPA690IDBVT Datasheet HTML 20Page - Texas Instruments OPA690IDBVT Datasheet HTML 21Page - Texas Instruments OPA690IDBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
OPA690
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
www.ti.com
DESIGN-IN TOOLS
DEMONSTRATION FIXTURES
MACROMODELS AND APPLICATIONS
SUPPORT
Two printed circuit boards (PCBs) are available to
assist in the initial evaluation of circuit performance
Computer simulation of circuit performance using
using the OPA690 in its two package options. Both of
SPICE
is
often
useful
when
analyzing
the
these are offered free of charge as unpopulated
performance of analog circuits and systems. This is
PCBs, delivered with a user’s guide. The summary
particularly true for video and RF amplifier circuits
information for these fixtures is shown in Table 1.
where parasitic capacitance and inductance can have
a major effect on circuit performance. A SPICE model
Table 1. Demonstration Fixtures by Package
for the OPA690 is available through the OPA690
product
folder under Simulation
Models.
These
ORDERING
LITERATURE
models do a good job of predicting small-signal ac
PRODUCT
PACKAGE
NUMBER
NUMBER
and transient performance under a wide variety of
OPA690ID
SO-8
DEM-OPA-SO-1A
SBOU009
operating conditions. They do not do as well in
OPA690IDBV
SOT23-6
DEM-OPA-SOT-1A
SBOU010
predicting
the
harmonic
distortion
or
dG/dP
characteristics. These models do not attempt to
The demonstration fixtures can be requested at the
distinguish between the package types in their
Texas Instruments web site (www.ti.com) through the
small-signal ac performance.
OPA690 product folder.
18
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com