Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA690IDBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690IDBVT
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690IDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA690IDBVT Datasheet HTML 10Page - Texas Instruments OPA690IDBVT Datasheet HTML 11Page - Texas Instruments OPA690IDBVT Datasheet HTML 12Page - Texas Instruments OPA690IDBVT Datasheet HTML 13Page - Texas Instruments OPA690IDBVT Datasheet HTML 14Page - Texas Instruments OPA690IDBVT Datasheet HTML 15Page - Texas Instruments OPA690IDBVT Datasheet HTML 16Page - Texas Instruments OPA690IDBVT Datasheet HTML 17Page - Texas Instruments OPA690IDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
OPA690
+5V
+
DIS
-5V
50
Load
W
50W
50W
V
O
V
I
50
Source
W
R
G
402W
R
F
402W
+
6.8 F
m
0.1 F
m
6.8 F
m
0.1 F
m
0.1 F
m
175W
OPA690
+5V
+V
S
DIS
V
S/2
698W
100W
V
O
V
I
50W
59W
698W
0.1 F
m
0.1 F
m
+
6.8 F
m
0.1 F
m
R
G
402W
R
F
402W
50
Source
W
OPA690
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
www.ti.com
APPLICATION INFORMATION
WIDEBAND VOLTAGE-FEEDBACK
bandwidth.
The
key
requirement
of
broadband
OPERATION
single-supply operation is to maintain input and
output signal swings within the useable voltage
The OPA690 provides an exceptional combination of
ranges at both the input and the output. The circuit of
high output power capability with a wideband,
Figure 37 establishes an input midpoint bias using a
unity-gain stable voltage-feedback op amp using a
simple resistive divider from the +5V supply (two
new high slew rate input stage. Typical differential
698
Ω resistors). The input signal is then ac-coupled
input stages used for voltage feedback op amps are
into the midpoint voltage bias. The input voltage can
designed
to
steer
a
fixed-bias
current
to
the
swing to within 1.5V of either supply pin, giving a
compensation
capacitor,
setting
a
limit
to
the
2VPP input signal range centered between the supply
achievable slew rate. The OPA690 uses a new input
pins. The input impedance matching resistor (59
Ω)
stage which places the transconductance element
used for testing is adjusted to give a 50
Ω input load
between two input buffers, using their output currents
when the parallel combination of the biasing divider
as the forward signal. As the error voltage increases
network is included.
across the two inputs, an increasing current is
delivered
to
the
compensation
capacitor.
This
provides very high slew rate (1800V/ms) while
consuming relatively low quiescent current (5.5mA).
This exceptional full-power performance comes at the
price of a slightly higher input noise voltage than
alternative architectures. The 5.5nV/
√Hz input voltage
noise for the OPA690 is exceptionally low for this
type of input stage.
Figure 36 shows the dc-coupled, gain of +2, dual
power supply circuit configuration used as the basis
of the ±5V Electrical Characteristics and Typical
Characteristics.
For
test
purposes,
the
input
impedance is set to 50
Ω with a resistor to ground and
the output impedance is set to 50
Ω with a series
output resistor. Voltage swings reported in the
specifications are taken directly at the input and
output pins, while output powers (dBm) are at the
matched 50
Ω load. For the circuit of Figure 36, the
Figure 36. DC-Coupled, G = +2, Bipolar-Supply
total effective load will be 100
Ω || 804Ω. The disable
Specification and Test Circuit
control line is typically left open to ensure normal
amplifier operation. Two optional components are
included in Figure 36. An additional resistor (175
Ω) is
included
in
series
with
the
noninverting
input.
Combined with the 25
Ω dc source resistance looking
back towards the signal generator, this gives an input
bias current cancelling resistance that matches the
200
Ω source resistance seen at the inverting input
(see the DC Accuracy and Offset Control section). In
addition
to
the
usual
power-supply
decoupling
capacitors to ground, a 0.1mF capacitor is included
between the two power-supply pins. In practical
printed
circuit
board
(PCB)
layouts,
this
optional-added capacitor will typically improve the
2nd-harmonic distortion performance by 3dB to 6dB.
Figure
37 shows
the
ac-coupled,
gain
of
+2,
single-supply circuit configuration which is the basis
of the +5V Electrical Characteristics and Typical
Characteristics. Though not a rail-to-rail design, the
OPA690 requires minimal input and output voltage
headroom
compared
to
other
very
wideband
Figure 37. AC-Coupled, G = +2, Single-Supply
voltage-feedback op amps. It will deliver a 3VPP
Specification and Test Circuit
output swing on a single +5V supply with > 150MHz
14
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com