Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA690IDBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690IDBVT
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690IDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA690IDBVT Datasheet HTML 17Page - Texas Instruments OPA690IDBVT Datasheet HTML 18Page - Texas Instruments OPA690IDBVT Datasheet HTML 19Page - Texas Instruments OPA690IDBVT Datasheet HTML 20Page - Texas Instruments OPA690IDBVT Datasheet HTML 21Page - Texas Instruments OPA690IDBVT Datasheet HTML 22Page - Texas Instruments OPA690IDBVT Datasheet HTML 23Page - Texas Instruments OPA690IDBVT Datasheet HTML 24Page - Texas Instruments OPA690IDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
OPA690
402W
175W
402W
+5V
50W
50W
C
L
R
NG
V
O
R
-5V
Power-supply
decouplingnotshown.
OPA690
www.ti.com
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
OUTPUT CURRENT AND VOLTAGE
OPA690 can be very susceptible to decreased
stability and closed-loop response peaking when a
The OPA690 provides output voltage and current
capacitive load is placed directly on the output pin.
capabilities that are unsurpassed in a low-cost
When the amplifier's open-loop output resistance is
monolithic op amp. Under no-load conditions at
considered,
this
capacitive
load
introduces
an
+25°C, the output voltage typically swings closer than
additional pole in the signal path that can decrease
1V to either supply rail; the specified swing limit is
the phase margin. Several external solutions to this
within 1.2V of either rail. Into a 15
Ω load (the
problem have been suggested. When the primary
minimum tested load), it will deliver more than
considerations
are
frequency
response
flatness,
±160mA.
pulse response fidelity, and/or distortion, the simplest
and most effective solution is to isolate the capacitive
The
specifications
described
previously,
though
load
from
the
feedback
loop
by
inserting
a
familiar in the industry, consider voltage and current
series-isolation resistor between the amplifier output
limits separately. In many applications, it is the
and the capacitive load. This does not eliminate the
voltage × current, or V-I product, which is more
pole from the loop response, but rather shifts it and
relevant to circuit operation. Refer to Figure 19, the
adds a zero at a higher frequency. The additional
Output Voltage and Current Limitations plot in the
zero acts to cancel the phase lag from the capacitive
Typical Characteristics. The X- and Y-axes of this
load pole, thus increasing the phase margin and
graph show the zero-voltage output current limit and
improving stability.
the zero-current output voltage limit, respectively. The
four quadrants give a more detailed view of the
The Typical Characteristics show the recommended
OPA690 output drive capabilities, noting that the
RS versus capacitive load (Figure 15 for ±5V and
graph is bounded by a Safe Operating Area of 1W
Figure 30 for +5V) and the resulting frequency
maximum internal power dissipation. Superimposing
response at the load. Parasitic capacitive loads
resistor load lines onto the plot shows that the
greater
than
2pF
can
begin
to
degrade
the
OPA690 can drive ±2.5V into 25
Ω or ±3.5V into 50Ω
performance of the OPA690. Long PCB traces,
without exceeding the output capabilities or the 1W
unmatched cables, and connections to multiple
dissipation limit. A 100
Ω load line (the standard test
devices
can
easily
exceed
this
value.
Always
circuit load) shows the full ±3.9V output swing
consider
this
effect
carefully,
and
add
the
capability, as shown in the typical specifications.
recommended series resistor as close as possible to
the OPA690 output pin (see the Board Layout
The minimum specified output voltage and current
Guidelines section).
specifications over temperature are set by worst-case
simulations at the cold temperature extreme. Only at
The criterion for setting this RS resistor is a maximum
cold startup will the output current and voltage
bandwidth, flat frequency response at the load. For
decrease to the numbers shown in the Electrical
the OPA690 operating in a gain of +2, the frequency
Characteristic tables. As the output transistors deliver
response at the output pin is already slightly peaked
power,
their
junction
temperatures
increase,
without the capacitive load requiring relatively high
decreasing their VBEs (increasing the available output
values of RS to flatten the response at the load.
voltage swing) and increasing their current gains
Increasing the noise gain will reduce the peaking as
(increasing
the
available
output
current).
In
described
previously.
The
circuit
of
Figure
44
steady-state operation, the available output voltage
demonstrates this technique, allowing lower values of
and current is always greater than that shown in the
RS to be used for a given capacitive load.
over-temperature specifications because the output
stage junction temperatures will be higher than the
minimum specified operating ambient.
To protect the output stage from accidental shorts to
ground and the power supplies, output short-circuit
protection is included in the OPA690. The circuit acts
to limit the maximum source or sink current to
approximately 250mA.
DRIVING CAPACITIVE LOADS
One of the most demanding and yet very common
load conditions for an op amp is capacitive loading.
Often, the capacitive load is the input of an
ADC—including additional external capacitance which
may be recommended to improve ADC linearity. A
Figure 44. Capacitive Load Driving with Noise
high-speed, high open-loop gain amplifier like the
Gain Tuning
Copyright © 2001–2010, Texas Instruments Incorporated
21
Product Folder Link(s): OPA690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com