Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA690IDBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690IDBVT
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690IDBVT Datasheet(HTML) 5 Page - Texas Instruments

  OPA690IDBVT Datasheet HTML 1Page - Texas Instruments OPA690IDBVT Datasheet HTML 2Page - Texas Instruments OPA690IDBVT Datasheet HTML 3Page - Texas Instruments OPA690IDBVT Datasheet HTML 4Page - Texas Instruments OPA690IDBVT Datasheet HTML 5Page - Texas Instruments OPA690IDBVT Datasheet HTML 6Page - Texas Instruments OPA690IDBVT Datasheet HTML 7Page - Texas Instruments OPA690IDBVT Datasheet HTML 8Page - Texas Instruments OPA690IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
OPA690
www.ti.com
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
ELECTRICAL CHARACTERISTICS: VS = +5V
Boldface limits are tested at +25°C.
At RF = 402Ω, RL = 100Ω, and G = +2 (see Figure 37 for ac performance only), unless otherwise noted.
OPA690ID, IDBV
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
-40°C to
MIN/
TEST
PARAMETER
TEST CONDITIONS
+25°C
+25°C
(2)
+70°C
(3)
+85°C
(3)
UNIT
MAX
LEVELS
(1)
AC PERFORMANCE (see Figure 37)
Small-Signal Bandwidth
G = +1, VO = 0.5VPP, RF = ±25Ω
400
MHz
typ
C
G = +2, VO < 0.5VPP
190
150
145
140
MHz
min
B
G = +10, VO < 0.5VPP
25
18
17
16
MHz
min
B
Gain Bandwidth Product
G
≥ 10
250
180
170
160
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
G = +2, VO < 0.5VPP
20
MHz
typ
C
Peaking at a Gain of +1
VO < 0.5VPP
5
dB
typ
C
Large-Signal Bandwidth
G = +2, VO = 2VPP
220
MHz
typ
C
Slew Rate
G = +2, 2V Step
1000
700
670
550
V/ms
min
B
Rise-and-Fall Time
G = +2, VO = 0.5V Step
1.6
ns
typ
C
G = +2, VO = 2V Step
2.0
ns
typ
C
Settling Time to 0.02%
G = +2, VO = 2V Step
12
ns
typ
C
Settling Time to 0.1%
G = +2, VO = 2V Step
8
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2VPP
xx x 2nd-Harmonic
RL = 100Ω to VS/2
–65
–60
–59
–56
dBc
max
B
RL ≥ 500Ω to VS/2
–75
–70
–68
–66
dBc
max
B
xx x 3rd-Harmonic
RL = 100Ω to VS/2
–68
–64
–62
–60
dBc
max
B
RL ≥ 500Ω to VS/2
–77
–73
–71
–70
dBc
max
B
Input Voltage Noise
f > 1MHz
5.6
nV/
√Hz
typ
C
Input Current Noise
f > 1MHz
3.2
pA/
√Hz
typ
C
G = +2, NTSC, VO = 1.4VP, RL = 150Ω to
Differential Gain
0.06
%
typ
C
VS/2
G = +2, NTSC, VO = 1.4VP, RL = 150Ω to
Differential Phase
0.02
deg
typ
C
VS/2
DC PERFORMANCE
(4)
Open-Loop Voltage Gain (AOL)
VO = 2.5V, RL = 100Ω to VS/2
63
56
54
52
dB
min
A
Input Offset Voltage
VCM = 2.5V
±1.0
±4
±4.3
±4.7
mV
max
A
xxx Average Offset Voltage Drift
VCM = 2.5V
±10
±10
mV/°C
max
B
Input Bias Current
VCM = 2.5V
±3
±10
±11
±12
mA
max
A
xxx Average Bias Current Drift (magnitude)
VCM = 2.5V
±20
±40
nA/°C
max
B
Input Offset Current
VCM = 2.5V
±0.3
±1
±1.4
±1.6
mA
max
A
xxx Average Offset Current Drift
VCM = 2.5V
±7
±9
nA/°C
max
B
INPUT
Least Positive Input Voltage
(5)
1.5
1.6
1.7
1.8
V
min
A
Most Positive Input Voltage
(5)
3.5
3.4
3.3
3.2
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = 2.5V ± 0.5V
63
58
56
54
dB
min
A
Input Impedance
xxx Differential Mode
VCM = 2.5V
92 || 1.4
k
Ω || pF
typ
C
xxx Common-Mode
VCM = 2.5V
2.2 || 1.5
M
Ω || pF
typ
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25°C specifications.
(3)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +10°C at high temperature limit for over
temperature specifications.
(4)
Current is considered positive out of node.
(5)
Tested < 3dB below minimum specified CMRR at ±CMIR limits.
Copyright © 2001–2010, Texas Instruments Incorporated
5
Product Folder Link(s): OPA690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com