Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2001PUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # LED2001PUR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LED2001PUR Datasheet HTML 5Page - STMicroelectronics LED2001PUR Datasheet HTML 6Page - STMicroelectronics LED2001PUR Datasheet HTML 7Page - STMicroelectronics LED2001PUR Datasheet HTML 8Page - STMicroelectronics LED2001PUR Datasheet HTML 9Page - STMicroelectronics LED2001PUR Datasheet HTML 10Page - STMicroelectronics LED2001PUR Datasheet HTML 11Page - STMicroelectronics LED2001PUR Datasheet HTML 12Page - STMicroelectronics LED2001PUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
DocID024346 Rev 1
9/42
LED2001
Functional description
5
Functional description
The LED2001 is based on a “peak current mode” architecture with fixed frequency control.
As a consequence, the intersection between the error amplifier output and the sensed
inductor current generates the control signal to drive the power switch.
The main internal blocks shown in the block diagram in Figure 3 are:
•
high-side and low-side embedded power element for synchronous rectification;
•
a fully integrated sawtooth oscillator with a typical frequency of 850 kHz;
•
a transconductance error amplifier;
•
an high-side current sense amplifier to track the inductor current;
•
a pulse width modulator (PWM) comparator and the circuitry necessary to drive the
internal power element;
•
the soft-start circuitry to decrease the inrush current at power-up;
•
the current limitation circuit based on the pulse-by-pulse current protection with
frequency divider;
•
the dimming circuitry for output current PWM;
•
the thermal protection function circuitry.
Figure 3. LED2001 block diagram
W
S
N
I
V
A
N
I
V
OSC
E/A
DRIVER
DRIVER
DMD
OTP
MOSFET
CONTROL
LOGIC
REGULATOR
DIMMING
I_ SENSE
COMP
PWM
OCP
REF
0.1V
SOFT-START
Vsum
Vc
OCP
UVLO
Vdrv_p
Vdrv _n
I2 V
RSENSE
SW
GNDP
GNDA
DIM
FB
AM12894v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com