Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2001PUR Datasheet(PDF) 21 Page - STMicroelectronics

Part # LED2001PUR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PUR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LED2001PUR Datasheet HTML 17Page - STMicroelectronics LED2001PUR Datasheet HTML 18Page - STMicroelectronics LED2001PUR Datasheet HTML 19Page - STMicroelectronics LED2001PUR Datasheet HTML 20Page - STMicroelectronics LED2001PUR Datasheet HTML 21Page - STMicroelectronics LED2001PUR Datasheet HTML 22Page - STMicroelectronics LED2001PUR Datasheet HTML 23Page - STMicroelectronics LED2001PUR Datasheet HTML 24Page - STMicroelectronics LED2001PUR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
DocID024346 Rev 1
21/42
LED2001
Application notes
Figure 13. Dimming signal
For example, assuming a 1 kHz dimming frequency the maximum dimming depth is 5% or,
given a 2% dimming depth, it follows a 200 Hz maximum fDIM.
The LED2001 dimming performance is strictly dependent on the system small signal
response. As a consequence, an optimized compensation (good phase margin and
bandwidth maximized) and minimized COUT value are crucial for the best performance.
6.7
eDesign studio software
The LED2001 is supported by the eDesign software which can be viewed online at
www.st.com.
Figure 14. eDesign studio screenshot
The software easily supports the component sizing according to the technical information
given in this datasheet (see Section 6 and Section 7).
The end user is requested to fill in the requested information such as the input voltage
range, the selected LED parameters and the number of LEDs composing the row.
AM12904v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com