Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2001PUR Datasheet(PDF) 19 Page - STMicroelectronics

Part # LED2001PUR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PUR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LED2001PUR Datasheet HTML 15Page - STMicroelectronics LED2001PUR Datasheet HTML 16Page - STMicroelectronics LED2001PUR Datasheet HTML 17Page - STMicroelectronics LED2001PUR Datasheet HTML 18Page - STMicroelectronics LED2001PUR Datasheet HTML 19Page - STMicroelectronics LED2001PUR Datasheet HTML 20Page - STMicroelectronics LED2001PUR Datasheet HTML 21Page - STMicroelectronics LED2001PUR Datasheet HTML 22Page - STMicroelectronics LED2001PUR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
DocID024346 Rev 1
19/42
LED2001
Application notes
Figure 11. Dimming operation example
In fact, when dimming enables the switching activity, a small capacitor value is fast charged
with low inductor value. As a consequence, the LEDs current rising edge time is improved
and the inductor current oscillation reduced. An oversized output capacitor value requires
extra current for fast charge so generating certain inductor current oscillations
The switching activity is prevented as soon as the dimming signal goes low. Nevertheless,
the LED current drops to zero only when the voltage stored in the output capacitor goes
below a minimum voltage determined by the selected LEDs. As a consequence, a big
capacitor value makes the LED current falling time worse than a smaller one.
The LED2001 embeds dedicated circuitry to improve LED current falling time.
As soon as the dimming input goes low, the low-side is kept enabled to discharge COUT until
the LED current drops to 60% of the nominal current. A negative current limitation (-1 A
typical) protects the device during this operation (see Figure 12).
AM12902v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com