Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2001PUR Datasheet(PDF) 29 Page - STMicroelectronics

Part # LED2001PUR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PUR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LED2001PUR Datasheet HTML 25Page - STMicroelectronics LED2001PUR Datasheet HTML 26Page - STMicroelectronics LED2001PUR Datasheet HTML 27Page - STMicroelectronics LED2001PUR Datasheet HTML 28Page - STMicroelectronics LED2001PUR Datasheet HTML 29Page - STMicroelectronics LED2001PUR Datasheet HTML 30Page - STMicroelectronics LED2001PUR Datasheet HTML 31Page - STMicroelectronics LED2001PUR Datasheet HTML 32Page - STMicroelectronics LED2001PUR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DocID024346 Rev 1
29/42
LED2001
Application information
The inductor current ripple during ON and OFF phases can be written as:
•
ON phase
Equation 40
•
OFF phase
Equation 41
where DCRL is the series resistance of the inductor.
The pulse-by-pulse current limitation is effective to implement constant current protection
when:
Equation 42
From Equation 40 and Equation 41 it can be seen that the implementation of the constant
current protection becomes more critical the lower the VOUT and the higher the VIN.
In fact, in short-circuit condition the voltage applied to the inductor during the OFF-time
becomes equal to the voltage drop across parasitic components (typically the DCR of the
inductor and the RDSON of the low-side switch) since VOUT is negligible, while during TON
the voltage applied at the inductor is maximized and is approximately equal to VIN.
In general, the worst case scenario is heavy short-circuit at the output with maximum input
voltage. Equation 40 and Equation 41 in overcurrent conditions can be simplified to:
Equation 43
considering TON which has already been reduced to its minimum.
Equation 44
where TSW=1/fSW and considering the nominal fSW.
At higher input voltage
ΔI
L TON may be higher than
ΔI
L TOFF and so the inductor current can
escalate. As a consequence, the system typically meets Equation 42 at a current level
higher than the nominal value thanks to the increased voltage drop across stray
components. In most of the application conditions the pulse-by-pulse current limitation is
effective to limit the inductor current. Whenever the current escalates, a second level current
protection called “Hiccup mode” is enabled. Hiccup protection offers an additional protection
against heavy short-circuit conditions at very high input voltage even considering the spread
I
L TON
Δ
V
IN
V
OUT
–
DCR
L
R
DSON HS
+
() I
⋅
–
L
----------------------------------------------------------------------------------------------- TON
()
=
I
L TON
Δ
V
OUT
DCR
L
R
DSON LS
+
() I
⋅
+
()
–
L
---------------------------------------------------------------------------------------- TOFF
()
=
I
L TON
Δ
I
L TOFF
Δ
=
I
L TON
Δ
V
IN
DCR
L
R
DSON HS
+
() I
⋅
–
L
------------------------------------------------------------------------ TON MIN
()
V
IN
L
--------- 90ns
()
≅
=
I
L TOFF
Δ
DCR
L
R
DSON LS
+
()
–
I
⋅
L
-------------------------------------------------------------- TSW 90ns
–
()
DCR
L
R
DSON LS
+
()
–
I
⋅
L
-------------------------------------------------------------- 1.18
μs
()
≅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com