Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2001PUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # LED2001PUR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LED2001PUR Datasheet HTML 9Page - STMicroelectronics LED2001PUR Datasheet HTML 10Page - STMicroelectronics LED2001PUR Datasheet HTML 11Page - STMicroelectronics LED2001PUR Datasheet HTML 12Page - STMicroelectronics LED2001PUR Datasheet HTML 13Page - STMicroelectronics LED2001PUR Datasheet HTML 14Page - STMicroelectronics LED2001PUR Datasheet HTML 15Page - STMicroelectronics LED2001PUR Datasheet HTML 16Page - STMicroelectronics LED2001PUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DocID024346 Rev 1
13/42
LED2001
Application notes
Equation 2
Equation 3
where:
Equation 4
Sn represents the slope of the sensed inductor current, Se the slope of the external ramp
(VPP peak-to-peak amplitude) that implements the slope compensation to avoid sub-
harmonic oscillations at duty cycle over 50%.
The sampling effect contribution FH(s) is:
Equation 5
where:
Equation 6
and
Equation 7
6.3
Error amplifier compensation network
The LED2001 embeds (see Figure 6) the error amplifier and a pre-defined compensation
network which is effective in stabilizing the system in most application conditions.
ω
Z
1
ESR C
OUT
⋅
-------------------------------
=
ω
P
1
R
LOAD
C
OUT
⋅
--------------------------------------
m
C
1D
–
() 0.5
–
⋅
LC
OUT
f
SW
⋅⋅
---------------------------------------------
+
=
m
C
1
S
e
S
n
------
+
=
S
e
V
pp
f
SW
⋅
=
S
n
V
IN
V
OUT
–
L
------------------------------ Ri
⋅
=
F
H s
()
1
1
s
ω
n
Q
P
⋅
-------------------
s
2
ω
n
2
------
++
-------------------------------------------
=
ω
n
π f
SW
⋅
=
Q
P
1
π m
C
1D
–
() 0.5
–
⋅
[]
⋅
----------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com