Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2001PUR Datasheet(PDF) 22 Page - STMicroelectronics

Part # LED2001PUR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PUR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LED2001PUR Datasheet HTML 18Page - STMicroelectronics LED2001PUR Datasheet HTML 19Page - STMicroelectronics LED2001PUR Datasheet HTML 20Page - STMicroelectronics LED2001PUR Datasheet HTML 21Page - STMicroelectronics LED2001PUR Datasheet HTML 22Page - STMicroelectronics LED2001PUR Datasheet HTML 23Page - STMicroelectronics LED2001PUR Datasheet HTML 24Page - STMicroelectronics LED2001PUR Datasheet HTML 25Page - STMicroelectronics LED2001PUR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Application information
LED2001
22/42
DocID024346 Rev 1
The software calculates external components according to the internal database. It is also
possible to define new components and ask the software to use them.
Bode plots, estimated efficiency and thermal performance are provided.
Finally, the user can save the design and print all the information including the bill of material
of the board.
7
Application information
7.1
Component selection
7.1.1
Sensing resistor
In closed loop operation the LED2001 feedback pin voltage is 100 mV, so the sensing
resistor calculation is expressed as:
Equation 22
Since the main loop (see Section 6.1) regulates the sensing resistor voltage drop, the
average current is regulated into the LEDs. The integration period is at minimum 5*TSW
since the system bandwidth can be dimensioned up to fSW/5 at maximum.
The system performs the output current regulation over a period which is at least five times
longer than the switching frequency. The output current regulation neglects the ripple
current contribution and its reliance on external parameters like input voltage and output
voltage variations (line transient and LED forward voltage spread). This performance can
not be achieved with simpler regulation loops such as a hysteretic control.
For the same reason, the switching frequency is constant over the application conditions,
which helps to tune the EMI filtering and to guarantee the maximum LED current ripple
specification in the application range. This performance can not be achieved using constant
ON/OFF-time architecture.
7.1.2
Inductor and output capacitor selection
The output capacitor filters the inductor current ripple that, given the application condition,
depends on the inductor value. As a consequence, the LED current ripple, that is the main
specification for a switching current source, depends on the inductor and output capacitor
selection.
R
S
100 mV
I
LED
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com